Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8405ASTT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8405ASTT3G
Description  Self-Protected Low Side Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8405ASTT3G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8405ASTT3G Datasheet HTML 1Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 2Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 3Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 4Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 5Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 6Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 7Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 8Page - ON Semiconductor NCV8405ASTT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
NCV8405A, NCV8405B
www.onsemi.com
5
TYPICAL PERFORMANCE CURVES
Figure 8. RDS(on) vs. Gate−Source Voltage
VGS (V)
150
°C, ID = 0.5 A
150
°C, ID = 1.4 A
100
°C, ID = 0.5 A
100
°C, ID = 1.4 A
25
°C, ID = 0.5 A
25
°C, ID = 1.4 A
−40
°C, ID = 0.5 A
−40
°C, ID = 1.4 A
Figure 9. RDS(on) vs. Drain Current
ID (A)
VGS = 5 V
VGS = 10 V
ID = 1.4 A
Figure 10. Normalized RDS(on) vs. Temperature
T (
°C)
25
°C
100
°C
150
°C
−40
°C
Figure 11. Current Limit vs. Gate−Source
Voltage
VGS (V)
VDS = 10 V
Figure 12. Current Limit vs. Junction
Temperature
TJ (°C)
VDS = 10 V
VGS = 5 V
VGS = 10 V
Figure 13. Drain−to−Source Leakage Current
VDS (V)
VGS = 0 V
25
°C
100
°C
150
°C
−40
°C
50
100
150
200
250
300
34
56
78
9
10
50
70
90
110
130
150
170
190
210
−40
°C, VGS = 5 V
−40
°C, VGS = 10 V
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
25
°C, VGS = 5 V
25
°C, VGS = 10 V
100
°C, VGS = 5 V
100
°C, VGS = 10 V
150
°C, VGS = 10 V
150
°C, VGS = 10 V
0.5
0.75
1.0
1.25
1.5
1.75
2.0
−40
−20
0
20
40
60
80
100
120
140
3
5
7
9
11
13
15
56
7
8
9
10
4
6
8
10
12
14
−40 −20
0
20
40
60
80
100 120 140 160
0.001
0.01
0.1
1
10
10
15
20
25
30
35
40


Similar Part No. - NCV8405ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8405ASTT3G ONSEMI-NCV8405ASTT3G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ASTT3G ONSEMI-NCV8405ASTT3G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ASTT3G ONSEMI-NCV8405ASTT3G Datasheet
146Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
October, 2012 ??Rev. 3
NCV8405ASTT3G ONSEMI-NCV8405ASTT3G Datasheet
255Kb / 12P
   Self-Protected Low Side Driver with Temperature and Current Limit
June, 2019 - Rev. 8
More results

Similar Description - NCV8405ASTT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8401A ONSEMI-NCV8401A Datasheet
97Kb / 10P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 12
NCV8402 ONSEMI-NCV8402_16 Datasheet
114Kb / 13P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 21
NCV8406A ONSEMI-NCV8406A Datasheet
113Kb / 12P
   Self-Protected Low Side Driver
March, 2017 ??Rev. 6
NCV8403A ONSEMI-NCV8403A Datasheet
112Kb / 12P
   Self-Protected Low Side Driver
September, 2016 ??Rev. 8
NCV8406 ONSEMI-NCV8406 Datasheet
115Kb / 12P
   Self-Protected Low Side Driver
November, 2015 ??Rev. 4
NCV8408 ONSEMI-NCV8408_16 Datasheet
110Kb / 9P
   Self-Protected Low Side Driver
November, 2016 ??Rev. 6
NCV8402D ONSEMI-NCV8402D_16 Datasheet
95Kb / 11P
   Dual Self-Protected Low-Side Driver
July, 2016 ??Rev. 3
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445 Datasheet
120Kb / 16P
   Self Protected High Side Driver
December, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com