Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3020PT_T0_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB3020PT_T0_10001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB3020PT_T0_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB3020PT_T0_10001 Datasheet HTML 1Page - Pan Jit International Inc. SB3020PT_T0_10001 Datasheet HTML 2Page - Pan Jit International Inc. SB3020PT_T0_10001 Datasheet HTML 3Page - Pan Jit International Inc. SB3020PT_T0_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
May 12,2016-REV.03
SB3020PT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
30 Ampere
CURRENT
MECHANICAL DATA
• Case: TO-3P Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.2245 ounces, 6.3673 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B O L S B3 020P T S B3 030 PT SB 30 40P T SB 30 45P T S B3 050P T S B 306 0P T
UNITS
M a xi m um Re c ur r e nt P eak Re ve r s e Vo lt age
V
RR M
20
30
40
45
50
60
V
M a xi mum RM S Vo lta g e
V
RMS
14
21
28
31.5
3 5
4 2
V
M a xi m um D C B loc ki ng Vo lt age
V
DC
20
30
40
45
50
60
V
M a xi m um A ver age For war d C ur r e nt at Tc = 7 5 OCI
F( AV )
30
A
P eak F o r w ar d S ur ge C ur r e nt : 8 .3 m s si ng le
ha lf s i ne - wave super i m posed on r a t ed load
I
FS M
275
A
M a xi m um F o r war d Vo lt age a t 15A pe r le g
V
F
0.55
0.7
V
M a xi m um D C Re ve r s e C ur r ent at Ra t e d
D C B loc k i ng Vo ltage
T
J =2 5
OC
T
J = 100
O C
I
R
0.2
50
mA
Typ i ca l The r m a l Re si st a nce
R
θJC
1.5
O C / W
Oper ati ng J unc ti on Te m per at ur e Ra ng e
T
J
- 55 to + 125
- 55 to + 150
O C
S t or age Te m per at ur e Ra ng e
T
STG
- 55 t o + 150
O C
0.640(16.25)
0.620(15.75)
0.142(3.60)
0.125(3.20)
0.087(2.20)
0.070(1.80)
0.126(3.20)
0.110(2.80)
0.050(1.25)
0.045(1.15)
0.225(5.70)
0.204(5.20)
0.225(5.70)
0.204(5.20)
0.199(5.05)
0.175(4.45)
0.095(2.40)
0.030(0.75)
0.017(0.45)


Similar Part No. - SB3020PT_T0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3020PT PANJIT-SB3020PT_10 Datasheet
53Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3020PT_T0_10001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com