Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LG-192HRFS-CT-A02 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG-192HRFS-CT-A02
Description  LED SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-192HRFS-CT-A02 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG-192HRFS-CT-A02 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-192HRFS-CT-A02 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 4/11
Luminous Intensity Classification
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
Dominant Wavelength Classification
λD(nm) at 20mA
BIN CODE
Min.
Max.
PART NO. LG-192HRFS-CT-A02
27
618
621
28
621
624
29
624
627
30
627
630
S
200
320
T
320
500


Similar Part No. - LG-192HRFS-CT-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-192HRFS-DGL-SR-CT-A01 LIGITEK-LG-192HRFS-DGL-SR-CT-A01 Datasheet
491Kb / 13P
   LED SMD
More results

Similar Description - LG-192HRFS-CT-A02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com