Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM75CSE060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM75CSE060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CSE060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM75CSE060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CSE060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CSE060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CSE060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CSE060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CSE060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CSE060
FLAT-BASE TYPE
INSULATED PACKAGE
Sep. 2001
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CSE060
FLAT-BASE TYPE
INSULATED PACKAGE
PM75CSE060
FEATURE
a) Adopting new 4th generation planar IGBT chip, which per-
formance is improved by 1
µm fine rule process.
For example, typical VCE(sat)=1.7V
b) Using new Diode which is designed to get soft reverse
recovery characteristics.
•3
φ 75A, 600V Current-sense IGBT for 15kHz switching
• Monolithic gate drive & protection logic
• Detection, protection & status indication circuits for over-
current, short-circuit, over-temperature & under-voltage
• Acoustic noise-less 5.5/7.5kW class inverter application
APPLICATION
General purpose inverter, servo drives and other motor controls
PACKAGE OUTLINES
Dimensions in mm
1. VUPC
2. UP
3. VUP1
4. VVPC
5. VP
6. VVP1
7. VWPC
8. WP
9. VWP1
10. VNC
11. VN1
12. NC
13. UN
14. VN
15. WN
16. FO
A : DETAIL
16
15
14
13
12
11
10
9
78
6
5
4
3
2
1
WV
U
A
MOUNTING HOLES
12
16-
0.64
2-
φ2.54
110±1
95±0.5
24.5
0.5±0.3
3.22
67.4
26
26
17.02
2-2.54
2-2.54
6-2.54
2-2.54
4-R6
6-M5NUTS
4-
φ5.5
10.16
10.16
10.16
LABEL
3.22
2-2.54
φ2.54
22
21.2
–0.5
+1.0
0.64
Terminal code
Screwing depth
Min9.0


Similar Part No. - PM75CSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75CSE060 MITSUBISHI-PM75CSE060 Datasheet
134Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75CSE060 MITSUBISHI-PM75CSE060_05 Datasheet
134Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM75CSE060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com