Electronic Components Datasheet Search |
|
XC6201P222PH Datasheet(PDF) 8 Page - Torex Semiconductor |
|
XC6201P222PH Datasheet(HTML) 8 Page - Torex Semiconductor |
8 / 22 page XC6201 Series 192 3 XC6201P182 VOUT(E) (Note 2) VIN=2.8V 1.764 1.800 1.836 V 2 IOUT=40mA IOUTmax VIN=2.8V 80 1.8 mA 2 VOUT(E) ≥1.62V ΔVOUT VIN=2.8V 10 30 mV 2 1mA ≤IOUT≤40mA Vdif1 Vdif2 IOUT=40mA 200 370 mV 2 IOUT=80mA 450 710 ISS VIN=2.8V 3.0 5.0 µA1 ΔVOUT IOUT=40mA 0.2 0.3 %/V 2 ΔVIN・VOUT 2.8V ≤VIN≤10.0V VIN 10 V − ΔVOUT IOUT=40mA ±100 ppm 2 ΔTopr・VOUT -40 °C≤Topr≤85°C / °C Ta=25 °C PARAMETER SYMBOL CONDITIONS UNITS CIRCUIT MIN TYP MAX Output Voltage Maximum Output Current Load Regulation Dropout Voltage (Note 3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics VOUT(T)=1.8V (Note 1) XC6201P272 Ta=25 °C VOUT(E) (Note 2) VIN=3.7V 2.646 2.700 2.754 V 2 IOUT=40mA IOUTmax VIN=3.7V 100 1.8 mA 2 VOUT(E) ≥2.43V ΔVOUT VIN=3.7V 15 40 mV 2 1mA ≤IOUT≤60mA Vdif1 Vdif2 IOUT=60mA 200 370 mV 2 IOUT=120mA 450 710 ISS VIN=3.7V 2.0 5.0 µA1 ΔVOUT IOUT=40mA 0.2 0.3 %/V 2 ΔVIN・VOUT 3.7V ≤VIN≤10.0V VIN 10 V − ΔVOUT IOUT=40mA ±100 ppm 2 ΔTopr・VOUT -40 °C≤Topr≤85°C / °C PARAMETER SYMBOL CONDITIONS UNITS CIRCUIT MIN TYP MAX Output Voltage Maximum Output Current Load Regulation Dropout Voltage (Note 3) Supply Current Line Regulation Input Voltage Output Voltage Temperature Characteristics VOUT(T)=2.7V (Note 1) 03S_01XC6201 02.9.12 2:35 PM ページ 192 |
Similar Part No. - XC6201P222PH |
|
Similar Description - XC6201P222PH |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |