Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMMAD1103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PMMAD1103
Description  STEERING DIODE (RAIL CLAMP) ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PMMAD1103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PMMAD1103 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMMAD1103 Datasheet HTML 2Page - List of Unclassifed Manufacturers PMMAD1103 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
®
20
0.1
1.2
25
40
PROTEK
PART
NUMBER
ELECTRICAL CHARACTERISTICS @ 25
° C Ambient Temperature
FORWARD
PEAK PULSE
CURRENT
(See Fig. 1)
@ 8/20
µs
IPP
AMPS
MAXIMUM
FORWARD
VOLTAGE
@ 100 mA
VF
VOLTS
MAXIMUM
CAPACITANCE
@ 4 V, 1 MHz
C
pF
REVERSE
LEAKAGE
CURRENT
@ 40 V
IRM
µA
REPETITIVE
PEAK REVERSE
VOLTAGE
@ 10
µA
VPRP Min
VOLTS
See Note 1
50
Note 1: Device Types Include: PMMAD130, PMMAD1103, PMMAD1105, PMMAD1106, PMMAD1107 and PMMAD1109. Electrical characteristics applies to all device types.
8
9
10
13
14
1
4
5
6
7
11
3
2
12
PMMAD130
DUAL 10 DIODE ARRAY
2
3
5
7
8
9
11
12
1
14
PMMAD1103
16 DIODE ARRAY
NC Pins 4, 6, 10 & 13
2
3
5
7
8
9
11
12
14
PMMAD1105
8 DIODE COMMON CATHODE ARRAY
NC Pins 1, 4, 6, 10 & 13
2
3
5
7
8
9
11
12
14
8 DIODE COMMON ANODE ARRAY
NC Pin 1, 4, 6, 10 & 13
PMMAD1106
2
3
11
12
4
5
9
10
1
8
7
14
PMMAD1107
DUAL 8 DIODE ARRAY
NC Pins 6 & 13
7
8
5
4
3
2
1
8
9
10
11
12
13
14
7 ISOLATED DIODE ARRAY
(Independent)
PMMAD1109
CIRCUIT DIAGRAM
5089 10/98


Similar Part No. - PMMAD1103

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PMMAD1103 PROTEC-PMMAD1103 Datasheet
828Kb / 7P
   ultra low capacitance multi-line steering diode array
PMMAD1103 PROTEC-PMMAD1103 Datasheet
749Kb / 7P
   ultra low capa citance multi-line steering diode arra y
PMMAD1103-LF-T13 PROTEC-PMMAD1103-LF-T13 Datasheet
78Kb / 4P
   STEERING DIODE ARRAY
PMMAD1103-T13 PROTEC-PMMAD1103-T13 Datasheet
78Kb / 4P
   STEERING DIODE ARRAY
PMMAD1103-T7 PROTEC-PMMAD1103-T7 Datasheet
78Kb / 4P
   STEERING DIODE ARRAY
More results

Similar Description - PMMAD1103

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET723 PROTEC-ET723 Datasheet
206Kb / 4P
   STEERING DIODE ARRAY
ET724 PROTEC-ET724 Datasheet
167Kb / 4P
   STEERING DIODE ARRAY
SR70 PROTEC-SR70_06 Datasheet
75Kb / 3P
   STEERING DIODE ARRAY
USB002 PROTEC-USB002 Datasheet
59Kb / 3P
   STEERING DIODE ARRAY
IO6LC PROTEC-IO6LC_07 Datasheet
72Kb / 4P
   STEERING DIODE ARRAY
ET723 PROTEC-ET723_07 Datasheet
79Kb / 4P
   STEERING DIODE ARRAY
ET720 PROTEC-ET720_07 Datasheet
74Kb / 4P
   STEERING DIODE ARRAY
PMAD1108 PROTEC-PMAD1108_07 Datasheet
68Kb / 3P
   STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108 Datasheet
104Kb / 3P
   STEERING DIODE ARRAY
DALC112S1 PROTEC-DALC112S1 Datasheet
80Kb / 4P
   STEERING DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com