Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT5805 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PT5805
Description  18-A 5-V Input Adjustable Integrated Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PT5805 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PT5805 Datasheet HTML 3Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 4Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 5Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 6Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 7Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 8Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 9Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 10Page - List of Unclassifed Manufacturers PT5805 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Application Notes continued
Va (req.d)
2.100
2.3k
2.050
7.7k
2.000
15.9k
1.950
29.5k
1.900
56.7k
1.850
138.0k
1.800
1.1k
1.750
(169.0)k
6.3k
1.700
(66.9)k
14.1k
1.650
(32.9)k
27.2k
1.600
(15.9)k
53.2k
1.550
(5.7)k
131.0k
1.500
1.8k
1.475
(239.0)k
4.2k
1.450
(102.0)k
7.1k
1.425
(56.4)k
10.7k
1.400
(33.7)k
15.1k
1.375
(20.0)k
20.8k
1.350
(10.9)k
28.4k
1.325
(4.4)k
39.1k
1.300
55.1k
2.3k
1.275
81.8k
4.8k
1.250
135.0k
7.7k
1.225
295.0k
11.4k
1.200
15.9k
1.175
(125.0)k
21.7k
1.150
(45.1)k
29.5k
1.125
(18.4)k
40.4k
1.100
(5.1)k
56.7k
1.075
83.9k
1.050
138.0k
1.025
302.0K
1.000
0.975
(46.5)k
0.950
(5.7)k
PT5800 & PT5810 Series
Table 5-2
ISR ADJUSTMENT RESISTOR VALUES
Series Pt. No.
5.0V Bus
PT5801
PT5802
PT5803
PT5804
PT5805
PT5806
3.3V Bus
N/A
PT5812
PT5813
PT5814
PT5815
PT5816
Vo (nom)
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
Va (req.d)
3.60
2.3k
3.55
7.7k
3.50
15.9k
3.45
29.5k
3.40
56.7k
3.35
138.0k
3.30
3.25
(475.0)k
3.20
(220.0)k
3.15
(135.0)k
3.10
(92.4)k
3.05
(66.9)k
3.00
(49.9)k
2.95
(37.5)k
2.90
(28.6)k
2.85
(21.6)k
2.80
(15.9)k
3.6K
2.75
(11.3)k
9.3K
2.70
(7.4)k
17.9K
2.65
(4.1)k
32.2K
2.60
(1.3)k
60.7K
2.550
[Note 4
] 146.0KΩ
2.500
2.450
(321.0)k
2.400
(146.0)k
2.350
(85.7)k
2.300
(55.3)k
2.250
(37.2)k
2.200
(25.0)k
2.150
(16.4)k
2.100
(9.9)k
2.050
(4.8)k
2.000
(0.8)k
R1 = Black R2 = (Blue)


Similar Part No. - PT5805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5805 TI1-PT5805 Datasheet
227Kb / 13P
[Old version datasheet]   18A Output Current
logo
Tyco Electronics
PT580524 MACOM-PT580524 Datasheet
387Kb / 4P
   Miniature Relay
More results

Similar Description - PT5805

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6460 TI-PT6460 Datasheet
192Kb / 10P
[Old version datasheet]   14-A 5-V Input Adjustable Integrated Switching Regulator
PT6650 TI1-PT6650_13 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5820 TI-PT5820 Datasheet
173Kb / 10P
[Old version datasheet]   16-A 12-V Input Adjustable Integrated Switching Regulator
PT6360 TI-PT6360 Datasheet
317Kb / 14P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
PT6364 TI-PT6364 Datasheet
307Kb / 9P
[Old version datasheet]   11 A 12-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com