Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA251 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RA251
Description  Silicon Rectifier Button-Cells
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RA251 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RA251 Datasheet HTML 1Page - List of Unclassifed Manufacturers RA251 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ø 5.6
±0.1
Ø 10
±0.3
) Valid, if the temperature of the terminals is kept to 100°C
1
Gültig, wenn die Temperatur der Kontaktflächen auf 100°C gehalten wird
70
01.01.99
Diotec
RA 2505 … RA 2510
Silicon Rectifier Button-Cells
Si-Gleichrichterzellen in Button-Bauform
Nominal current – Nennstrom
25 A
Repetitive peak reverse voltage
50…1000 V
Periodische Spitzensperrspannung
Plastic case,
Ø 10 x 6.2 [mm]
coloured metal ring indicates cathode
Kunststoffgehäuse,
Kathode am farbig markierten Metallring
Weight approx. – Gewicht ca.
1.9 g
Plastic material has UL classification 94V-0
Dimensions / Maße in mm
Gehäusematerial UL94V-0 klassifiziert
Standard packaging: bulk
Standard Lieferform: Schüttgut
Maximum ratings
Grenzwerte
Type
Repetitive peak reverse voltage
Surge peak reverse voltage
Typ
Periodische Spitzensperrspanng.
Stoßspitzensperrspannung
V
[V]
V
[V]
RRM
RSM
RA 2505
50
80
RA 251
100
130
RA 252
200
250
RA 253
300
350
RA 254
400
450
RA 255
500
550
RA 256
600
650
RA 258
800
850
RA 2510
1000
1050
Max. average forward rectified current, R-load
T = 100°C
I
25 A )
T
FAV
1
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
60 A )
FRM
1
Periodischer Spitzenstrom
Rating for fusing, t < 10 ms
T = 25°C
i t
1250 A s
A
2
2
Grenzlastintegral, t < 10 ms


Similar Part No. - RA251

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RA251 MCC-RA251 Datasheet
99Kb / 2P
   25.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
RA251 DIOTEC-RA251 Datasheet
156Kb / 2P
   Silicon-Rectifiers - Button Diodes
logo
Micro Commercial Compon...
RA251 MCC-RA251 Datasheet
109Kb / 3P
   25 Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA251 WINNERJOIN-RA251 Datasheet
147Kb / 2P
   AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA251 DIOTEC-RA251 Datasheet
231Kb / 2P
   Silicon-Rectifiers
More results

Similar Description - RA251

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
30H3A2H WINGS-30H3A2H Datasheet
35Kb / 1P
   Ni-Mn BUTTON CELLS
60H3A2H WINGS-60H3A2H Datasheet
104Kb / 1P
   Ni-Mn BUTTON CELLS
60K3A2H WINGS-60K3A2H Datasheet
115Kb / 1P
   Ni-Cd BUTTON CELLS
30H2A2HD WINGS-30H2A2HD Datasheet
111Kb / 1P
   Ni-Mn BUTTON CELLS
logo
Diotec Semiconductor
AG3A DIOTEC-AG3A_07 Datasheet
93Kb / 1P
   Silicon Rectifier Cells with Polysiloxane Cover
AG12A DIOTEC-AG12A_07 Datasheet
94Kb / 1P
   Silicon Rectifier Cells with Polysiloxane Cover
AG3A DIOTEC-AG3A Datasheet
102Kb / 1P
   Silicon Rectifier Cells with polysiloxan passivation
logo
Semikron International
AG3A SEMIKRON-AG3A Datasheet
82Kb / 2P
   Silicon Rectifier Cells with polysiloxan passivation
logo
Diotec Semiconductor
AG12A DIOTEC-AG12A Datasheet
103Kb / 1P
   Silicon Rectifier Cells with polysiloxan passivation
logo
Semikron International
AG6A SEMIKRON-AG6A Datasheet
82Kb / 2P
   Silicon Rectifier Cells with polysiloxan passivation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com