Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS8234EBGD Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RS8234EBGD
Description  ServiceSAR Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RS8234EBGD Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  RS8234EBGD Datasheet HTML 1Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 2Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 3Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 4Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 5Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 6Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 7Page - List of Unclassifed Manufacturers RS8234EBGD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
features
and
specifications
Product Features
• AAL0, AAL5, AAL3/4
• Factory-supplied ABR templates
(user may configure)
• xBR Traffic Manager
– CBR
– VBR (single bucket)
– VBR (dual bucket)
– VBR (CLP 0+1)
– rt-VBR
– ABR (TM4.0)
– UBR
–GFC
– GFR (guaranteed MCR on UBR VCCs)
• 32K duplex VCCs (non ABR)
• PCI 2.1
• UTOPIA Level 1
• Glueless RS8250 ATM PHY interface
• Reference design available
• RS8234 evaluation system available
• Reference software available
(RS823xHPI)
Applications
• ATM Uplinks
– Routers
– Ethernet switches
• ATM Service Adapters
– Frame Relay over ATM
– IP over ATM
– LAN emulation
• ATM Servers
– File servers
– Control servers
• LANE
• MPOA
• P-NNI
• SIG
Ordering Information
Part Number
Description
RS8234EBGD
ATM Enhanced xBR SAR
RS8234/8250EVM
PCI Card implementing the RS8234 SAR as a UNI port
Includes: RS823xHPI and HPI Macro Layer software, RS8234EVM
Schematics, Porting Guide and download instructions,
RS823xHPI specification
For more information contact:
Applications Engineering
Telephone: 1-800-228-2777
Fax: (619) 452-1249
Internet: Comm-BtATM@conexant.com
Further Information
literature@conexant.com
(800) 854-8099 (North America)
(949) 483-6996 (International)
Order # 101095A
00-0683
Network Access
Printed in USA
World Headquarters
Conexant Systems, Inc.
4311 Jamboree Road
Newport Beach, CA
92660-3007
Phone: (949) 483-4600
Fax 1: (949) 483-4078
Fax 2: (949) 483-4391
Americas
U.S. Northwest – Santa Clara
Phone: (408) 249 -9696
Fax: (408) 249 -7113
U.S. Southwest – Los Angeles
Phone: (805) 376 -0559
Fax: (805) 376 - 8180
U.S. Southwest – Newport Beach
Phone: (949) 483-9119
Fax: (949) 483-9090
U.S. San Diego
Phone: (858) 713-4730
Fax: (858) 713-4008
U.S. North Central – Illinois
Phone: (630) 773-3454
Fax: (630) 773 -3907
U.S. South Central/Mexico
– Texas
Phone: (972) 871-1920
Fax: (972) 871- 8910
U.S. Northeast – Massachusetts
Phone: (978) 367-3200
Fax: (978) 256 - 6868
U.S. Carolinas – North Carolina
Phone: (919) 858 -9110
Fax: (919) 858 - 8669
U.S. Southeast/South America
– Florida
Phone: (727) 799 - 8406
Fax: (727) 799 - 8306
U.S. Mid-Atlantic – Pennsylvania
Phone: (215) 244- 6784
Fax: (215) 244- 9292
Canada – Ontario
Phone: (613) 271-2358
Fax: (613) 271-2359
Europe
Europe Central – Germany
Phone: +49 89 829 -1320
Fax: +49 89 834-2734
Europe North – England
Phone: +44 1344 486444
Fax: +44 1344 486555
Europe – Israel/Greece
Phone: +972 9 9524000
Fax: +972 9 9573732
Europe South – France
Phone: +33 1 41 44 36 51
Fax: +33 1 41 44 36 90
Europe Mediterranean – Italy
Phone: +39 02 93179911
Fax: +39 02 93179913
Europe – Sweden
Phone: +46 (0) 8 5091 4319
Fax: +46 (0) 8 590 041 10
Europe – Finland
Phone: +358 (0) 9 85 666 435
Fax: +358 (0) 9 85 666 220
Asia Pacific
Taiwan
Phone: (886 -2) 2-720-0282
Fax: (886 -2) 2-757- 6760
Australia
Phone: (61-2) 9869 4088
Fax: (61-2) 9869 4077
China – Central
Phone: 86 -21- 6361-2515
Fax: 86 -21- 6361-2516
China – South
Phone: (852) 2 827- 0181
Fax: (852) 2 827- 6488
China – South (Satellite)
Phone: (86) 755 -5182495
Fax: (86 ) 755 -5183024
China – North
Phone: (86 -10) 8529 - 9777
Fax: (86 -10) 8529 - 9778
India
Phone: (91-11) 692-4789
Fax: (91-11) 692 -4712
Korea
Phone: (82-2) 565-2880
Fax: (82-2) 565-1440
Korea (Satellite)
Phone: (82-53) 745-2880
Fax: (82-53) 745-1440
Singapore
Phone: (65) 737 7355
Fax: (65) 737 9077
Japan
Phone: (81-3) 5371 1520
Fax: (81-3) 5371 1501
Conexant and the Conexant symbol are trademarks of Conexant Systems, Inc.
www.conexant.com


Similar Part No. - RS8234EBGD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS8235 ETC-RS8235 Datasheet
509Kb / 6P
   ServiceSAR Controller
RS8235KHFD ETC-RS8235KHFD Datasheet
509Kb / 6P
   ServiceSAR Controller
More results

Similar Description - RS8234EBGD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS8235 ETC-RS8235 Datasheet
509Kb / 6P
   ServiceSAR Controller
logo
M/A-COM Technology Solu...
28236-DSH-001-B MA-COM-28236-DSH-001-B_15 Datasheet
4Mb / 443P
   ATM ServiceSAR Plus with xBR Traffic Management
28236-DSH-001-B MA-COM-28236-DSH-001-B Datasheet
4Mb / 443P
   ATM ServiceSAR Plus with xBR Traffic Management
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
   Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
   CONTROLLER
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
   Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
   Controller
logo
TT Electronics.
DS3019 TTELEC-DS3019 Datasheet
310Kb / 2P
   Controller
logo
Festo Corporation.
5226780 FESTO-5226780 Datasheet
76Kb / 2P
   Controller
logo
ON Semiconductor
FUSB3301 ONSEMI-FUSB3301 Datasheet
112Kb / 7P
   Controller for Controller for Adapters
March, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com