Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1M8662AX01-F0T0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1M8662AX01-F0T0
Description  CDMA/PCS/GPS Triple Mode IF/ baseband IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8662AX01-F0T0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1M8662AX01-F0T0 Datasheet HTML 1Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 2Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 3Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 4Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 5Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 6Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 7Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 8Page - Samsung semiconductor S1M8662AX01-F0T0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
RX IF/BBA WITH GPS
S1M8662A (Preliminary)
1
INTRODUCTION
S1M8662A is CDMA/PCS/GPS Triple Mode IF/ baseband IC which is
divided into three main parts - IF frequency processing, basband
processing , and digital interface. The receiver IC (S1M8662A)and
transmitter IC (S1M8657) are provided as a KIT.
S1M8662A is a receiver IC, installed with a Rx AGC, Baseband
Converter, Baseband analog filter, and A-D Converter. It can send a
digital baseband signal to the digital baseband IC.
S1M8662A is fabricated on the Samsung's 0.5um high-speed, high
frequency BICMOS processing and can achieve superior high frequency
and low power digital operations.
Its operating voltage is 2.7 to 3.3V, and operating temperature
-30 to +85
°C .
FEATURES
Cellular CDMA/PCS/GPS Triple Mode
AGC input signal range : 90dB
QPSK Baseband Converter
Built-in I ,Q Baseband signal extractor LPF
Built-in 4-bit ADC for converting I and Q CDMA analog baseband signals to digital baseband signals
Built-in VCO for baseband conversion
Built-in Modem PDM control circuit to compensate the I and Q offsets
Built-in TCXO output ON/OFF
3-Line Serial Port Interface (SPI)
• Operating Voltage : 2.7 to 3.3V
• 32BCC++(5mm * 5mm * 0.8mm) Package
ORDERING INFORMATION
Device
Package
Operating Temperature
++ S1M8662AX01-F0T0
32-BCC++-5.0
×5.0
-30 to +85
°C
++ : Under Development
32-BCC++-5.0
×5.0


Similar Part No. - S1M8662AX01-F0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8660A SAMSUNG-S1M8660A Datasheet
198Kb / 32P
   RX IF / BBA WITH GPS
S1M8660AX01-F0T0 SAMSUNG-S1M8660AX01-F0T0 Datasheet
198Kb / 32P
   RX IF / BBA WITH GPS
More results

Similar Description - S1M8662AX01-F0T0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1M8656A SAMSUNG-S1M8656A Datasheet
264Kb / 26P
   CDMA/AMPS Dual Mode IF/ baseband IC
logo
List of Unclassifed Man...
CX20529 ETC-CX20529 Datasheet
601Kb / 2P
   CDMA/FM/ GPS BASEBAND ANALOG PROCESSOR
CX20536 ETC-CX20536 Datasheet
48Kb / 2P
   CX20536: CDMA and GPS Baseband Analog Processor
logo
ATMEL Corporation
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
   GPS Baseband GPS Baseband
logo
TriQuint Semiconductor
TQ3631 TRIQUINT-TQ3631 Datasheet
170Kb / 10P
   3V PCS Band CDMA LNA IC
logo
Zarlink Semiconductor I...
PLUTO ZARLINK-PLUTO Datasheet
277Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Mitel Networks Corporat...
PLUTO MITEL-PLUTO Datasheet
139Kb / 15P
   Dual Mode CDMA/AMPS Baseband Interface
logo
Sony Corporation
CXA3003R SONY-CXA3003R Datasheet
534Kb / 32P
   Baseband analog processing IC for dual-mode CDMA/FM cellular phone
logo
TriQuint Semiconductor
TQ5631 TRIQUINT-TQ5631 Datasheet
100Kb / 14P
   3V PCS Band CDMA RFA/Mixer IC
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com