Electronic Components Datasheet Search |
|
UF4006 Datasheet(PDF) 2 Page - Nanjing International Group Co |
|
UF4006 Datasheet(HTML) 2 Page - Nanjing International Group Co |
2 / 2 page .4 .6 .8 1.0 1.2 1.4 .001 .01 .1 1.0 10 RATING AND CHARACTERISTIC CURVES (UF4001 THRU UF4007) FIG.1-TYPICAL FORWARD CHARACTERISTICS FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.5-TYPICAL JUNCTION CAPACITANCE FORWARD VOLTAGE,(V) Pulse Width 300us 1% Duty Cycle 0 10 20 40 50 30 (+) (+) 25Vdc (approx.) ( ) ( ) PULSE GENERATOR (NOTE 2) OSCILLISCOPE (NOTE 1) 1 NON- INDUCTIVE W NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms. +0.5A 0 -0.25A -1.0A | | | | | | | | 1cm SET TIME BASE FOR 50 / 10ns / cm trr D.U.T. FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS 10 NONINDUCTIVE 50 NONINDUCTIVE W W Tj=25 C FIG.2-TYPICAL FORWARD CURRENT 0.2 0.4 0.6 0.8 1.0 1.2 Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length DERATING CURVE AMBIENT TEMPERATURE ( C) 1.6 1.8 REVERSE VOLTAGE,(V) 175 120 100 80 60 40 20 0 .01 .05 .1 .5 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz 1 10 5 50 100 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 0 25 50 75 100 125 150 175 0 |
Similar Part No. - UF4006 |
|
Similar Description - UF4006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |