Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF5404 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # UF5404
Description  3.0AMPHIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF5404 Datasheet(HTML) 2 Page - Nanjing International Group Co

  UF5404 Datasheet HTML 1Page - Nanjing International Group Co UF5404 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING ANDCHARACTERISTICCURVES(UF5400THRUUF5408)
FIG.1-TYPICALFORWARD
CHARACTERISTICS
FIG.4-MAXIMUMNON-REPETITIVEFORWARD
SURGECURRENT
FIG.5-TYPICALJUNCTIONCAPACITANCE
FORWARDVO LTAGE,(V)
PulseWidth300us
1%DutyCycle
0
50
100
200
250
150
(+)
(+)
25Vdc
(approx.)
()
()
PULSE
GENERATOR
(NOTE2)
OSCILLISCOPE
(NOTE1)
1
NON-
INDUCTIVE
NOTES:1.RiseTime=7nsmax.,InputImpedance=1megohm.22pF.
2.RiseTime=10nsmax.,SourceImpedance=50ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SETTIMEBASEFOR
50/10ns/cm
trr
D.U.T.
FIG.3-TESTCIRCUITDIAGRAMANDREVERSE
RECOVERYTIMECHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25C
FIG.2-TYPICAL FORWARDCURRENT
0.5
0
1.0
1.5
2.0
2.5
3.0
DERATINGCURVE
1.6
1.8
REVERSEVOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
. 1
.5
1
5
10
50
100
NUMBEROFCYCLESAT60Hz
1
10
5
50
100
Tj=25C
8.3msSingleHalf
SineWave
JEDECmethod
SinglePhase
HalfWave60Hz
ResistiveOrInductiveLoad
0.375"(9.5mm)LeadLength
AMBIENTTEMPERATURE( C)
0
25
50
75
100
125
150
175


Similar Part No. - UF5404

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
UF5404 JGD-UF5404 Datasheet
159Kb / 2P
   3.0 AMP. ULTRA FAST RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
UF5404 SAMYANG-UF5404 Datasheet
1Mb / 2P
   ULTRA FAST RECTIFIER
logo
Microdiode Electronics ...
UF5404 CHENDA-UF5404 Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIERS Reverse Voltage - 50 to 1000 Volts
logo
TAITRON Components Inco...
UF5404 TAITRON-UF5404 Datasheet
162Kb / 4P
   3.0A Ultra Fast Recovery Rectifier
logo
Nanjing International G...
UF5404 DGNJDZ-UF5404 Datasheet
113Kb / 2P
   3.0AMPHIGH EFFICIENCY RECTIFIERS
More results

Similar Description - UF5404

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
UF5408-2C3A-2CDO-27 DGNJDZ-UF5408-2C3A-2CDO-27 Datasheet
69Kb / 2P
   3.0AMPHIGH EFFICIENCY RECTIFIERS
UF5402-2C3A-2CDO-27 DGNJDZ-UF5402-2C3A-2CDO-27 Datasheet
69Kb / 2P
   3.0AMPHIGH EFFICIENCY RECTIFIERS
UF5406-2C3A-2CDO-27 DGNJDZ-UF5406-2C3A-2CDO-27 Datasheet
69Kb / 2P
   3.0AMPHIGH EFFICIENCY RECTIFIERS
UF5400 DGNJDZ-UF5400 Datasheet
113Kb / 2P
   3.0AMPHIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com