Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C750B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C750B
Description  5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C750B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C750B Datasheet HTML 5Page - NXP Semiconductors SC16C750B Datasheet HTML 6Page - NXP Semiconductors SC16C750B Datasheet HTML 7Page - NXP Semiconductors SC16C750B Datasheet HTML 8Page - NXP Semiconductors SC16C750B Datasheet HTML 9Page - NXP Semiconductors SC16C750B Datasheet HTML 10Page - NXP Semiconductors SC16C750B Datasheet HTML 11Page - NXP Semiconductors SC16C750B Datasheet HTML 12Page - NXP Semiconductors SC16C750B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Philips Semiconductors
SC16C750B
5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Product data
Rev. 03 — 13 December 2004
9 of 44
9397 750 14453
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.
Functional description
The SC16C750B provides serial asynchronous receive data synchronization,
parallel-to-serial and serial-to-parallel data conversions for both the transmitter and
receiver sections. These functions are necessary for converting the serial data
stream into parallel data that is required with digital data systems. Synchronization for
the serial data stream is accomplished by adding start and stop bits to the transmit
data to form a data character (character orientated protocol). Data integrity is insured
by attaching a parity bit to the data character. The parity bit is checked by the receiver
for any transmission bit errors. The SC16C750B is fabricated with an advanced
CMOS process to achieve low drain power and high speed requirements.
The SC16C750B is an upward solution that provides 64 bytes of transmit and receive
FIFO memory, instead of none in the 16C450, or 16 in the 16C550. The SC16C750B
is designed to work with high speed modems and shared network environments that
require fast data processing time. Increased performance is realized in the
SC16C750B by the larger transmit and receive FIFOs. This allows the external
processor to handle more networking tasks within a given time. In addition, the four
selectable levels of FIFO trigger interrupt and automatic hardware flow control is
uniquely provided for maximum data throughput performance, especially when
operating in a multi-channel environment. The combination of the above greatly
reduces the bandwidth requirement of the external controlling CPU, increases
performance, and reduces power consumption.
The SC16C750B is capable of operation up to 3 Mbit/s with a 48 MHz external clock
input (at 5 V).
The rich feature set of the SC16C750B is available through internal registers.
Automatic hardware flow control, selectable transmit and receive FIFO trigger level,
selectable TX and RX baud rates, modem interface controls, and a sleep mode are
some of these features.
6.1 Internal registers
The SC16C750B provides 12 internal registers for monitoring and control. These
registers are shown in Table 3. These twelve registers are similar to those already
available in the standard 16C550. These registers function as data holding registers
(THR/RHR), interrupt status and control registers (IER/ISR), a FIFO control register
(FCR), line status and control registers (LCR/LSR), modem status and control
registers (MCR/MSR), programmable data rate (clock) control registers (DLL/DLM),
and a user accessible scratchpad register (SPR). Register functions are more fully
described in the following paragraphs.


Similar Part No. - SC16C750B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750BIA44 NXP-SC16C750BIA44 Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750BIB64 NXP-SC16C750BIB64 Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C750BIBS NXP-SC16C750BIBS Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
More results

Similar Description - SC16C750B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C750B NXP-SC16C750B Datasheet
222Kb / 44P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 05-17 October 2008
SC16C751B NXP-SC16C751B Datasheet
159Kb / 32P
   5 V, 3.3 V and 2.5 V UART with 64-byte FIFOs
Rev. 02-10 October 2008
SC16C550B PHILIPS-SC16C550B Datasheet
229Kb / 47P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C550B NXP-SC16C550B Datasheet
239Kb / 48P
   5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs
Rev. 05-1 October 2008
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com