Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT112Q Datasheet(PDF) 4 Page - CUI INC

Part # AMT112Q
Description  patented capacitive ASIC technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT112Q Datasheet(HTML) 4 Page - CUI INC

  AMT112Q Datasheet HTML 1Page - CUI INC AMT112Q Datasheet HTML 2Page - CUI INC AMT112Q Datasheet HTML 3Page - CUI INC AMT112Q Datasheet HTML 4Page - CUI INC AMT112Q Datasheet HTML 5Page - CUI INC AMT112Q Datasheet HTML 6Page - CUI INC AMT112Q Datasheet HTML 7Page - CUI INC AMT112Q Datasheet HTML 8Page - CUI INC AMT112Q Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
cui.com
date 10/13/2015
│ page 4 of 9
CUI Inc
│ SERIES: AMT11 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
B
7
95 3
SCALE 4 : 1
13
14 12 10 8642
11
DETAIL B
1
15
14
13
16
SCALE 4 : 1
1
2
3
4
5
6
7
8
9
10
11
12
SECTION A-A
17
A
A
ENCODER INTERFACE
PINOUT CONNECTOR
Function
#
AMT112S
AMT112Q
AMT113S
AMT113Q
1
TX_ENC+
TX_ENC+
RX_ENC+
RX_ENC+
2
RX_ENC+
RX_ENC+
TX_ENC+
TX_ENC+
3
N/A
N/A
N/A
N/A
4
GND1
GND1
GND1
GND1
5
N/A
N/A
N/A
N/A
6
+5 V
+5 V
+5 V
+5 V
7
N/A
N/A
N/A
N/A
8
B+
B+
B+
B+
9
N/A
B-
N/A
B-
10
A+
A+
A+
A+
11
N/A
A-
N/A
A-
12
Z+
Z+
Z+
Z+
13
N/A
Z-
N/A
Z-
14
MCLRB
MCLRB
MCLRB
MCLRB
15
N/A
N/A
N/A
N/A
16
N/A
N/A
N/A
N/A
17
N/A
N/A
N/A
N/A
AMT112S & AMT112Q
AMT113S & AMT113Q
Mating Connector:
Samtec ISDF-07-D-L
Mating Connector:
JAE FI-W17S
Note:
1. Connect encoder GND to motor chassis as closely as possible. For additional grounding
techniques contact CUI Application Support.
For more information, please visit the product page.


Similar Part No. - AMT112Q

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
AMT112Q LINENGINEERING-AMT112Q Datasheet
234Kb / 2P
   CABLE
logo
CUI Devices
AMT112Q-0048-2000-S CUID-AMT112Q-0048-2000-S Datasheet
647Kb / 9P
   MODULAR INCREMENTAL ENCODER
08/05/2022
AMT112Q-0048-2000-W CUID-AMT112Q-0048-2000-W Datasheet
647Kb / 9P
   MODULAR INCREMENTAL ENCODER
08/05/2022
AMT112Q-0048-3000-S CUID-AMT112Q-0048-3000-S Datasheet
647Kb / 9P
   MODULAR INCREMENTAL ENCODER
08/05/2022
AMT112Q-0048-3000-W CUID-AMT112Q-0048-3000-W Datasheet
647Kb / 9P
   MODULAR INCREMENTAL ENCODER
08/05/2022
More results

Similar Description - AMT112Q

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
   patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
   Patented Trench Schottky technology
logo
Active-Semi, Inc
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
   Patented free-floating silicon technology
logo
DIYI Electronic Technol...
SL1545 DYELEC-SL1545 Datasheet
2Mb / 2P
   Patented Super Barrier Rectifier Technology
logo
Active-Semi, Inc
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
   Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
Xilinx, Inc
XC2S15 XILINX-XC2S15_1 Datasheet
1,015Kb / 99P
   Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E Datasheet
113Kb / 4P
   Second generation ASIC replacement technology
XC2S50E XILINX-XC2S50E_08 Datasheet
4Mb / 108P
   Second generation ASIC replacement technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com