Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3WK9Q53-T150-TR1-A02 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # L3WK9Q53-T150-TR1-A02
Description  SURFACE MOUNT LED TAPE AND REEL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L3WK9Q53-T150-TR1-A02 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  L3WK9Q53-T150-TR1-A02 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 7Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 8Page - LIGITEK electronics co., ltd. L3WK9Q53-T150-TR1-A02 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Typical Electrical & Optical Characteristics (Ta=25 ℃)
Absolute Maximum Ratings at Ta=25 ℃
Power Dissipation
Forward Current
Electrostatic Discharge
Operating Temperature
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Storage Temperature
- 20 ~ + 80
Topr
Tstg
- 30 ~ + 100
Symbol
PD
IFP
ESD
Ir
IF
Parameter
50
500
180
720
300
Ratings
mA
µA
V
UNIT
mW
mA
Page 3/13
Luminous Flux
----
IF=50mA X 3
lm
Viewing Angle
2θ 1/2
Chromaticity Coordinates
Forward Voltage
VF
X
Y
deg
V
----
----
Min.
Symbol
CONDITION
Max.
Typ.
UNIT
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
3.The color coordinates measurememt allowance is ±0.01 testing tolerance.
Items
Min.
30.6
3.0
----
42
----
----
----
----
4.0
3.2
120
0.28
0.255
0.31
0.34
IF=50mA X 3
IF=50mA X 3
IF=50mA X 3
IF=50mA X 3
PART NO. L3WK9Q53-T150/TR1-A02


Similar Part No. - L3WK9Q53-T150-TR1-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-A01 LIGITEK-L3WK9Q53-T150-TR1-A01 Datasheet
322Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
More results

Similar Description - L3WK9Q53-T150-TR1-A02

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com