Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPA1000 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA1000
Description  Power Management and LED Driver IC
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA1000 Datasheet(HTML) 1 Page - Texas Instruments

  DLPA1000 Datasheet HTML 1Page - Texas Instruments DLPA1000 Datasheet HTML 2Page - Texas Instruments DLPA1000 Datasheet HTML 3Page - Texas Instruments DLPA1000 Datasheet HTML 4Page - Texas Instruments DLPA1000 Datasheet HTML 5Page - Texas Instruments DLPA1000 Datasheet HTML 6Page - Texas Instruments DLPA1000 Datasheet HTML 7Page - Texas Instruments DLPA1000 Datasheet HTML 8Page - Texas Instruments DLPA1000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
Main System
Processor
(MPU)
DLPA1000
DLP2000
DMD
DLPC2607
Pico Processor
PWR_EN
VBIAS
VOFS
VRST
VLED
SW4
SW5
SW6
RGB LED
Assembly
RESETZ
INTZ
SPI (4)
LED_SEL0
LED_SEL1
PWM_IN
CMP_OUT
Light
Sensor
Temp.
Sensor
Single Cell Li-Ion
VINA
DPP
Power Supplies
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DLPA1000
SLVSDP7 – FEBRUARY 2017
DLPA1000 Power Management and LED Driver IC
1
1 Features
1
High-Efficiency RGB LED Driver With Buck-Boost
DC-to-DC Converter and Integrated MOSFETS
Six Low-Impedance (<100 mΩ) MOSFET
Switches for Channel Selection
Independent, 10-Bit Current Control per Channel
DMD Regulators
Requires Only a Single Inductor
VOFS: 8.5 V
VBIAS: 16 V
VRST: –10 V
Reset Generation and Power Supply Sequencing
RGB LED Strobe Decoder Supports:
Common-Anode RGBs
Cathode-Cathode-Anode RGBs
33-MHz Serial Peripheral Interface (SPI)
Multiplexer for Measuring Analog Signals
Battery Voltage
LED Voltage, LED Current
Light Sensor (for White Point Correction)
External Temperature Sensor
Monitoring and Protection Circuits
Hot Die Warning and Thermal Shutdown
Low-Battery and Undervoltage Lockout
Overcurrent and Undervoltage Protection
49-Ball 0.4-mm Pitch, DSBGA Package
2 Applications
DLP® Pico™ Projector
3 Description
DLPA1000 is a dedicated PMIC / RGB LED driver for
the DLP2000 Digital Micromirror Devices (DMD)
when used with a DLPC2607 digital controller. For
reliable operation of these chipsets, it is mandatory to
use the DLPA1000.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DLPA1000
DSBGA (49)
2.40 mm × 2.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DLPA1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA100 TI1-DLPA100 Datasheet
278Kb / 7P
[Old version datasheet]   Power and Motor Driver
DLPA100PT TI1-DLPA100PT Datasheet
278Kb / 7P
[Old version datasheet]   Power and Motor Driver
More results

Similar Description - DLPA1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPA2000 TI1-DLPA2000 Datasheet
1Mb / 58P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
DLPA2005 TI1-DLPA2005 Datasheet
1Mb / 55P
[Old version datasheet]   Power Management and LED/Lamp Driver IC
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
Rohm
BD8105FV ROHM-BD8105FV_09 Datasheet
357Kb / 13P
   Power Management IC Series for Automotive Body Control LED Driver
logo
Texas Instruments
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com