Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82140SILT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82140SILT
Description  17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82140SILT Datasheet(HTML) 4 Page - Texas Instruments

  TPS82140SILT Datasheet HTML 1Page - Texas Instruments TPS82140SILT Datasheet HTML 2Page - Texas Instruments TPS82140SILT Datasheet HTML 3Page - Texas Instruments TPS82140SILT Datasheet HTML 4Page - Texas Instruments TPS82140SILT Datasheet HTML 5Page - Texas Instruments TPS82140SILT Datasheet HTML 6Page - Texas Instruments TPS82140SILT Datasheet HTML 7Page - Texas Instruments TPS82140SILT Datasheet HTML 8Page - Texas Instruments TPS82140SILT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
TPS82140
SLVSDN3 – JUNE 2017
www.ti.com
Product Folder Links: TPS82140
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground pin.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Voltage at pins(2)
VIN
-0.3
20
V
EN, SS/TR
-0.3
VIN + 0.3
PG, FB
-0.3
7
VOUT
0
7
Sink current
PG
10
mA
Module operating temperature
–40
125
°C
Storage temperature
–55
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±1000
(1)
The module operating temperature range includes module self temperature rise and IC junction temperature rise. In applications where
high power dissipation is present, the maximum operating temperature or maximum output current must be derated. For applications
where the module operates continuously at 125 °C temperature, the maximum lifetime is reduced to 50,000 hours.
6.3 Recommend Operating Conditions
MIN
MAX
UNIT
VIN
Input voltage
3
17
V
VPG
Power good pull-up resistor voltage
6
V
VOUT
Output voltage
0.9
6
V
IOUT
Output current
0
2
A
TJ
Module operating temperature range for 100,000 hours lifetime(1)
-40
110
°C
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Theta-JA can be improved with a custom PCB design containing thermal vias where possible.
6.4 Thermal Information
THERMAL METRIC(1)
TPS82140
UNIT
8-Pin SIL
JEDEC 51-5
EVM
RθJA
Junction-to-ambient thermal resistance
58.2
46.1
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
9.4
9.4
°C/W
RθJB
Junction-to-board thermal resistance
14.4
14.4
°C/W
ψJT
Junction-to-top characterization parameter
0.9
0.9
°C/W
ψJB
Junction-to-board characterization parameter
14.2
14.0
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
21.3
21.3
°C/W


Similar Part No. - TPS82140SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILR TI1-TPS82130SILR Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82130SILT TI1-TPS82130SILT Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82150SIL TI1-TPS82150SIL Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
More results

Similar Description - TPS82140SILT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82150 TI1-TPS82150 Datasheet
572Kb / 27P
[Old version datasheet]   17-V Input 1-A Step-Down Converter MicroSiP Module with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPSM82822 TI1-TPSM82822_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822 Datasheet
1Mb / 24P
[Old version datasheet]   TPSM82822 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPSM82822 TI1-TPSM82822_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TPSM8282x 1-A and 2-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
[Old version datasheet]   Step-Down Converter MicroSiP Module
TPSM82823 TI-TPSM82823 Datasheet
4Mb / 44P
[Old version datasheet]   TPSM8282x 1-A, 2-A, and 3-A High Efficiency Step-Down Converter MicroSiP??Power Module with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com