Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAS3216 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # SAS3216
Description  Extending RAID and SAS Technology Leadership, Avago Introduces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

SAS3216 Datasheet(HTML) 2 Page - Broadcom Corporation.

  SAS3216 Datasheet HTML 1Page - Broadcom Corporation. SAS3216 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Visit the Avago Server Storage website at: avagotech.com/server-storage
Avago Technologies, MegaRAID are trademarks of Avago Technologies. All other trademarks are the property of their respective owners.
Copyright ©2016 Avago Technologies. All rights reserved. > 01/06/16 AV00-0318EN
Product Brief
Figure 1: SAS 3216 Block Diagram
Figure 2: SAS 3216 Direct Attach
Figure 3: SAS 3216 Topology Diagram
8.0 GB/s
X8 PCIe 3.0
PowerPC 476
1.2GHz
32KB/32KB
SIO/GPIO, UART,
I2C (8), Gigabit Ethernet
DMA
Engines and
Fusion-MPT
19.2 GB/s
SAS-3 Core - 12Gb/s
16 Port
SAS/SATA
16-bit
External
Memory Bus
6 MB Internal RAM
Flash,
NVSRAM
x16
Server
SAS 3216
Up to 16 SAS or SATA HDDs or SSDs
Server
SAS 3x48
x8
x8
x8
x8
x8
x8
Server
SAS 3216
SAS 3x48
SAS 3216
Up to 32 Dual-Ported
SAS Drives
JBOD
SAS 3x48
x8
x8
SAS 3x48
Up to 32 Dual-Ported
SAS Drives
JBOD


Similar Part No. - SAS3216

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
SAS3224 BOARDCOM-SAS3224 Datasheet
190Kb / 2P
   PCIe to 24-port, 12 Gb/s SAS/SATA IOC
More results

Similar Description - SAS3216

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SAS9750-16I4E AVAGO-SAS9750-16I4E Datasheet
372Kb / 2P
   Express SATASAS RAID Controller
SAS9750-4I4E AVAGO-SAS9750-4I4E Datasheet
373Kb / 3P
   Express SATASAS RAID Controller
SAS9266-4I AVAGO-SAS9266-4I Datasheet
253Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9750-24I4E AVAGO-SAS9750-24I4E Datasheet
429Kb / 2P
   PCI Express SATASAS RAID Controller
SAS9341 AVAGO-SAS9341 Datasheet
254Kb / 2P
   PCIe 3.0 SATASAS RAID Controllers
SAS9266-8I AVAGO-SAS9266-8I Datasheet
576Kb / 2P
   PCI Express SATASAS RAID Controller
logo
ITT Industries
DEMP2C2P-JK87 ITT-DEMP2C2P-JK87 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMN-25S-N-A197 ITT-DBMN-25S-N-A197 Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
DBMM-9W4P ITT-DBMM-9W4P Datasheet
8Mb / 103P
   A Historical Achievement of Technology Leadership
logo
AVAGO TECHNOLOGIES LIMI...
SAS9260-16I AVAGO-SAS9260-16I Datasheet
270Kb / 2P
   16-Port Internal PCI Express SATA and SAS RAID Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com