Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT60R380PCTH Datasheet(PDF) 10 Page - MagnaChip Semiconductor.

Part # MMFT60R380PCTH
Description  600V 0.38(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMFT60R380PCTH Datasheet(HTML) 10 Page - MagnaChip Semiconductor.

Back Button MMFT60R380PCTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 9Page - MagnaChip Semiconductor. MMFT60R380PCTH Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MMFT60R380PC Datasheet
Mar. 2016 Revision 1.1
MagnaChip Semiconductor Ltd.
10
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MMFT60R380PCTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMFT60R380P MGCHIP-MMFT60R380P Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
MMFT60R380PTH MGCHIP-MMFT60R380PTH Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
logo
Inchange Semiconductor ...
MMFT60R380PTH ISC-MMFT60R380PTH Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMFT60R380PCTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMFT60R380P MGCHIP-MMFT60R380P Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
MMP60R380PC MGCHIP-MMP60R380PC Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
MMD60R360P MGCHIP-MMD60R360P Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
MMFT70R380P MGCHIP-MMFT70R380P Datasheet
1Mb / 10P
   700V 0.38(ohm) N-channel MOSFET
MMD50R380P MGCHIP-MMD50R380P Datasheet
1Mb / 10P
   500V 0.38(ohm) N-channel MOSFET
MME70R380P MGCHIP-MME70R380P Datasheet
1Mb / 10P
   700V 0.38(ohm) N-channel MOSFET
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
   600V 0.07(ohm) N-channel MOSFET
MMD60R360Q MGCHIP-MMD60R360Q Datasheet
1Mb / 10P
   600V 0.36(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com