Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP051-4M10 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HSP051-4M10
Description  4-line ESD protection for high speed lines
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HSP051-4M10 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button HSP051-4M10 Datasheet HTML 4Page - STMicroelectronics HSP051-4M10 Datasheet HTML 5Page - STMicroelectronics HSP051-4M10 Datasheet HTML 6Page - STMicroelectronics HSP051-4M10 Datasheet HTML 7Page - STMicroelectronics HSP051-4M10 Datasheet HTML 8Page - STMicroelectronics HSP051-4M10 Datasheet HTML 9Page - STMicroelectronics HSP051-4M10 Datasheet HTML 10Page - STMicroelectronics HSP051-4M10 Datasheet HTML 11Page - STMicroelectronics HSP051-4M10 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Recommendation on PCB assembly
HSP051-4M10
8/12
DocID024952 Rev 4
3
Recommendation on PCB assembly
Figure 20. Recommended stencil window position
3.1
Solder paste
1.
Use halide-free flux, qualification ROL0 according to ANSI/J-STD-004.
2.
“No clean” solder paste recommended.
3.
Offers a high tack force to resist component displacement during PCB movement.
4.
Use solder paste with fine particles: powder particle size 20-45 µm.
3.2
Placement
1.
Manual positioning is not recommended.
2.
It is recommended to use the lead recognition capabilities of the placement system, not
the outline centering.
3.
Standard tolerance of ± 0.05 mm is recommended.
4.
3.5 N placement force is recommended. Too much placement force can lead to
squeezed out solder paste and cause solder joints to short. Too low placement force
0.55
1.37
0.19
0.38
2.19
0.50
0.55
0.27
All dimensions are in mm
Stencil thisckness 100 µm


Similar Part No. - HSP051-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
More results

Similar Description - HSP051-4M10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HSP061-4M10 STMICROELECTRONICS-HSP061-4M10 Datasheet
182Kb / 11P
   4-line ESD protection for high speed lines
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8_13 Datasheet
353Kb / 9P
   4-line ESD protection for high speed lines
HSP051-4N10 STMICROELECTRONICS-HSP051-4N10 Datasheet
1Mb / 11P
   4-line ESD protection for high speed lines
July 2014 Rev1
HSP061-4F4 STMICROELECTRONICS-HSP061-4F4 Datasheet
194Kb / 7P
   4-line ESD protection for high speed lines
October 2013 Rev 2
HSP061-4NY8 STMICROELECTRONICS-HSP061-4NY8 Datasheet
206Kb / 10P
   4-line ESD protection for high speed lines
HSP051-4M5 STMICROELECTRONICS-HSP051-4M5 Datasheet
2Mb / 15P
   4-line ESD protection for high speed lines
Rev 4 - November 2022
HSP061-4M10Y STMICROELECTRONICS-HSP061-4M10Y Datasheet
380Kb / 11P
   Automotive 4-line ESD protection for high speed lines
HSP061-2 STMICROELECTRONICS-HSP061-2 Datasheet
241Kb / 12P
   2-line ESD protection for high speed lines
HSP062-2 STMICROELECTRONICS-HSP062-2 Datasheet
216Kb / 11P
   2-line ESD protection for high speed lines
HSP061-8M16 STMICROELECTRONICS-HSP061-8M16 Datasheet
185Kb / 10P
   8-line ESD protection for high speed lines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com