Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4392DY-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4392DY-T1
Description  N-Channel Reduced Qg, Fast Switching WFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4392DY-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4392DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4392DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4392DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4392DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4392DY-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D Extremely Low Qgd WFET Technology for
Switching Losses
D TrenchFETr Power MOSFET
D 100% Rg Tested
APPLICATIONS
D High-Side DC/DC Conversion
− Notebook
− Server
Si4392DY
Vishay Siliconix
Document Number: 72151
S-41427—Rev. D, 26-Jul-04
www.vishay.com
1
N-Channel Reduced Qg, Fast Switching WFETt
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
30
0.00975 @ VGS = 10 V
12.5
30
0.01375 @ VGS = 4.5 V
10.0
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
D
G
S
N-Channel MOSFET
Ordering Information: Si4392DY
Si4392DY-T1 (with Tape and Reel)
Si4392DY—E3 (Lead (Pb)-Free)
Si4392DY-T1—E3 (Lead (Pb)-Free with Tape and Reel)
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)a
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"20
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
12.5
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
10
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)a
IS
2.7
Maximum Power Dissipationa
TA = 25_C
PD
3.0
W
Maximum Power Dissipationa
TA = 70_C
PD
1.9
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
THERMAL RESISTANCE RATINGSa
Parameter
Typical
Maximum
Unit
Maximum Junction-to-Ambient
RthJA
33
42
_C/W
Maximum Junction-to-Foot (Drain)
RthJF
16
20
_C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board, t v 10 sec


Similar Part No. - SI4392DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4392DY VISHAY-SI4392DY Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
More results

Similar Description - SI4392DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7392DP VISHAY-SI7392DP Datasheet
56Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. D, 26-Jul-04
SI7392ADP VISHAY-SI7392ADP Datasheet
234Kb / 3P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. B, 26-Jun-06
SI4368DY VISHAY-SI4368DY Datasheet
70Kb / 5P
   N-Channel Reduced Qg, Fast Switching WFET
Rev. A, 02-Feb-04
SI4392DY VISHAY-SI4392DY_06 Datasheet
101Kb / 6P
   N-Channel Reduced Qg, Fast Switching WFET®
Rev. E, 12-Jun-06
SI4390DY VISHAY-SI4390DY Datasheet
44Kb / 5P
   N-Channel Qg, Fast Switching WFET
Rev. B, 19-May-03
SI4394DY VISHAY-SI4394DY Datasheet
70Kb / 5P
   N-Channel Reduced Qdg, Fast Switching WFET
Rev. A, 15-Mar-04
SI4860DY VISHAY-SI4860DY Datasheet
39Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFE
Rev. C, 14-Apr-03
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com