Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDP01-42AY Datasheet(PDF) 2 Page - STMicroelectronics

Part # LDP01-42AY
Description  Automotive TVS for load dump protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDP01-42AY Datasheet(HTML) 2 Page - STMicroelectronics

  LDP01-42AY Datasheet HTML 1Page - STMicroelectronics LDP01-42AY Datasheet HTML 2Page - STMicroelectronics LDP01-42AY Datasheet HTML 3Page - STMicroelectronics LDP01-42AY Datasheet HTML 4Page - STMicroelectronics LDP01-42AY Datasheet HTML 5Page - STMicroelectronics LDP01-42AY Datasheet HTML 6Page - STMicroelectronics LDP01-42AY Datasheet HTML 7Page - STMicroelectronics LDP01-42AY Datasheet HTML 8Page - STMicroelectronics LDP01-42AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
LDP01-xxAY
2/11
DocID026556 Rev 2
1
Characteristics
Figure 1. Electrical characteristics (definitions)
Figure 2. Pulse definition for electrical characteristics
Table 2. Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
Peak pulse voltage
ISO 10605 (C = 330 pF, R = 330
)
– contact discharge
– air discharge
IEC 61000-4-2
– contact discharge
– air discharge
30
30
30
30
kV
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-55 to + 175
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Table 3. Thermal parameter
Symbol
Parameter
Maximum
Unit
Rth(j-c)
Junction to case
D2PAK
0.24
°C/W
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current at V
V
=
Stand-off voltage
I
=
Peak pulse current
V
=
Forward voltage drop
R
BR
RM
RM
RM
PP
F
V
=
Clamping voltage
CL
d
=
Dynamic impedance
T
=
Voltage temperature
a
100
50
%I
PP
t
t
r
p
0
t
Pulse waveform
tr = rise (µs)
tp = pulse duration time (µs)


Similar Part No. - LDP01-42AY

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
LDP ANOVA-LDP Datasheet
331Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
LDP LUGUANG-LDP Datasheet
881Kb / 3P
   Automotive Protection Axial Lead Transient Voltage Suppressors
logo
Mini-Circuits
LDP-1050-252 MINI-LDP-1050-252 Datasheet
301Kb / 2P
   Diplexer
LDP-1050-252++ MINI-LDP-1050-252+ Datasheet
301Kb / 2P
   Diplexer
logo
LUMEX INC.
LDP-2R2608RD-50 LUMEX-LDP-2R2608RD-50 Datasheet
147Kb / 3P
   CUSTOM LED DISPLAY
More results

Similar Description - LDP01-42AY

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM11KLD8S24CAP PROTEC-PAM11KLD8S24CAP Datasheet
371Kb / 5P
   high power tvs for automotive load dump applications
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
   LOAD DUMP TRANSIENT PROTECTION
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
MAX16126 MAXIM-MAX16126_V01 Datasheet
1Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX5099 MAXIM-MAX5099 Datasheet
640Kb / 27P
   Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
Rev 0; 5/08
logo
StarHope
LCT40B SPSEMI-LCT40B Datasheet
787Kb / 3P
   Transient Voltage Suppressor Diode Especially Designed For Load Dump Protection
logo
Sensitron
SCP-4188 SENSITRON-SCP-4188 Datasheet
60Kb / 2P
   Load Dump Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com