Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C12782 Datasheet(PDF) 1 Page - Cree, Inc

Part # C12782
Description  Melody series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C12782 Datasheet(HTML) 1 Page - Cree, Inc

  C12782 Datasheet HTML 1Page - Cree, Inc C12782 Datasheet HTML 2Page - Cree, Inc C12782 Datasheet HTML 3Page - Cree, Inc C12782 Datasheet HTML 4Page - Cree, Inc C12782 Datasheet HTML 5Page - Cree, Inc C12782 Datasheet HTML 6Page - Cree, Inc C12782 Datasheet HTML 7Page - Cree, Inc C12782 Datasheet HTML 8Page - Cree, Inc C12782 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PRODUCT DATASHEET
Melody series
last update 25/1/2013
DETAILS
Product Number
C12782_MELODY-4-M
Family
Melody
Type
Lens array
Color
clear
Diameter
50,6 mm
Height
11,9 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
pin, glue
Status
production ready
ROHS Comliant
Yes
Date Updated
25/01/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-G
30 deg
Medium
92 %
2.500
-
XT-E
27 deg
Medium
90 %
2.900
-
XB-D
27 deg
Medium
89 %
2.800
-
XP-G2
32 deg
Medium
87 %
2.500
-
XP-E2
28 deg
Medium
85 %
2.800
-
LUXEON A
32 deg
Medium
91 %
2.500
-
LUXEON Rebel
29 deg
Medium
90 %
2.900
-
NCSxx19A
26 deg
Medium
89 %
3.100
-
NVSxx19B/NVSxx19C
30 deg
Medium
89 %
2.500
-
NCSxx19B
27 deg
Medium
84 %
2.800
-
Oslon SSL 80
27 deg
Medium
89 %
2.900
-
LH351Z
36 deg
Medium
87 %
1.900
-
June 9th 2017 4:15 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C12782

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C12782 LEDIL-C12782 Datasheet
8Mb / 7P
   ~30째 medium beam with 4 optics
More results

Similar Description - C12782

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13736 CREE-C13736 Datasheet
834Kb / 29P
   Melody series
C13095 CREE-C13095 Datasheet
2Mb / 40P
   Melody series
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
logo
Nippon Precision Circui...
SM1155 NPC-SM1155 Datasheet
75Kb / 7P
   Melody LSIs
logo
List of Unclassifed Man...
HTC750 ETC-HTC750 Datasheet
149Kb / 6P
   Melody Generator
logo
Nippon Precision Circui...
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com