Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA11391 Datasheet(PDF) 2 Page - Cree, Inc

Part # CA11391
Description  Emily series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA11391 Datasheet(HTML) 2 Page - Cree, Inc

  CA11391 Datasheet HTML 1Page - Cree, Inc CA11391 Datasheet HTML 2Page - Cree, Inc CA11391 Datasheet HTML 3Page - Cree, Inc CA11391 Datasheet HTML 4Page - Cree, Inc CA11391 Datasheet HTML 5Page - Cree, Inc CA11391 Datasheet HTML 6Page - Cree, Inc CA11391 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
D
3
2
4
1
SCALE
WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
A4
1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
2:1
Datasheet Emily series lens
Materials:
Lens PMMA
Tape PU Foam with
adhesive
Part no.s:
CA11387_Emily-SS
CA11388_Emily-M
CA11389_Emily-O
CA11390_Emily-O-90
CA11391_Emily-M2
Front view
Tape 0.4mm
26
Top view
2
Bottom view
Beam direction Emily-O-90
Beam direction Emily-O


Similar Part No. - CA11391

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11391 LEDIL-CA11391 Datasheet
646Kb / 9P
   Emily Assembly
More results

Similar Description - CA11391

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA13546 CREE-CA13546 Datasheet
726Kb / 13P
   Emily series
CA11387 CREE-CA11387 Datasheet
408Kb / 5P
   Emily series
CA11388 CREE-CA11388 Datasheet
494Kb / 8P
   Emily series
CA11390 CREE-CA11390 Datasheet
250Kb / 3P
   Emily series
CA12000 CREE-CA12000 Datasheet
939Kb / 14P
   Emily series
CA12068 CREE-CA12068 Datasheet
514Kb / 7P
   Emily series
CA12064 CREE-CA12064 Datasheet
1Mb / 22P
   Emily series
logo
Ledil, Inc.
CA11389 LEDIL-CA11389 Datasheet
809Kb / 11P
   Emily Assembly
logo
Cree, Inc
CA11934 CREE-CA11934 Datasheet
1Mb / 31P
   Emily series
CA12062 CREE-CA12062 Datasheet
2Mb / 35P
   Emily series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com