Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI9934BDY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI9934BDY-T1-E3
Description  Dual P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9934BDY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI9934BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI9934BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si9934BDY
Vishay Siliconix
Document Number: 72525
S-41578—Rev. C, 23-Aug-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
400
800
1200
1600
2000
0
246
8
10
12
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
−50
−25
0
25
50
75
100
125
150
0
1
2
3
4
5
0
3
6
9
12
15
0.00
0.02
0.04
0.06
0.08
0.10
04
8
12
16
20
VDS − Drain-to-Source Voltage (V)
Coss
Ciss
VDS = 6 V
ID = 6.4 A
ID − Drain Current (A)
VGS = 4.5 V
ID = 6.4 A
VGS = 2.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg − Total Gate Charge (nC)
Capacitance
On-Resistance vs. Junction Temperature
TJ − Junction Temperature (_C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.00
0.02
0.04
0.06
0.08
0.10
0
1234
5
TJ = 150_C
ID = 6.4 A
20
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD − Source-to-Drain Voltage (V)
VGS − Gate-to-Source Voltage (V)
TJ = 25_C
Crss
VGS = 4.5 V
ID = 1.8 A


Similar Part No. - SI9934BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9934BDY VISHAY-SI9934BDY Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI9934BDY VISHAY-SI9934BDY Datasheet
94Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI9934BDY VISHAY-SI9934BDY_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 20-Mar-06
SI9934BDY VISHAY-SI9934BDY_V01 Datasheet
94Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - SI9934BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com