Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMI4193MTTAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # EMI4193MTTAG
Description  Common Mode Filter with ESD Protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMI4193MTTAG Datasheet(HTML) 3 Page - ON Semiconductor

  EMI4193MTTAG Datasheet HTML 1Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 2Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 3Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 4Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 5Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 6Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 7Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 8Page - ON Semiconductor EMI4193MTTAG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
EMI4193
www.onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
ILEAK
Channel Leakage Current
TA = 25°C, VIN = 5 V, GND = 0 V
1.0
mA
VF
Channel Negative Voltage
TA = 25°C, IF = 10 mA
0.1
1.5
V
CIN
Channel Input Capacitance to Ground
(Pins 1,2,4,5,7,8 to Pins 3,6,11,14)
TA = 25°C, At 1 MHz, GND = 0 V,
VIN = 1.65 V
0.8
1.3
pF
RCH
Channel Resistance
(Pins 1−16, 2−15, 4−13, 5−12, 7−10 & 8−9)
3.5
5.0
W
f3dB
Differential Mode Cut−off Frequency
50
W Source and Load Termination
4.0
GHz
Fatten
Common Mode Stop Band Attenuation
@ 900 MHz
16
dB
ZC
Common Mode Impedance
@ 100 MHz
32
W
VESD
In−system ESD Withstand Voltage
a) Contact discharge per IEC 61000−4−2
standard, Level 4 (External Pins)
b) Contact discharge per IEC 61000−4−2
standard, Level 1 (Internal Pins)
(Notes 1 and 2)
±15
±2
kV
VCL
TLP Clamping Voltage
(See Figure 9)
Forward IPP = 8 A
Forward IPP = 16 A
Forward IPP = −8 A
Forward IPP = −16 A
12
18
−6
−12
V
V
V
V
RDYN
Dynamic Resistance
Positive Transients
Negative Transients
TA = 25°C, IPP = 1 A, tP = 8/20 ms
Any I/O pin to Ground;
Notes 1 and 3
1.36
0.6
VRWM
Reverse Working Voltage
(Note 3)
5.0
V
VBR
Breakdown Voltage
IT = 1 mA; (Note 4)
5.6
9.0
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Standard IEC61000−4−2 with CDischarge = 150 pF, RDischarge = 330, GND grounded.
2. These measurements performed with no external capacitor.
3. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than the DC
or continuous peak operating voltage level.
4. VBR is measured at pulse test current IT.


Similar Part No. - EMI4193MTTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4193MTTAG ONSEMI-EMI4193MTTAG Datasheet
715Kb / 9P
   Common Mode Filter
July, 2014 ??Rev. 0
More results

Similar Description - EMI4193MTTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
EMI4183MU ONSEMI-EMI4183MU Datasheet
876Kb / 10P
   Common Mode Filter with ESD Protection
July, 2012 ??Rev. P1
EMI4183MUTAG ONSEMI-EMI4183MUTAG Datasheet
875Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4182MUTAG ONSEMI-EMI4182MUTAG Datasheet
827Kb / 10P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4192 ONSEMI-EMI4192_13 Datasheet
761Kb / 9P
   Common Mode Filter with ESD Protection
April, 2013 ??Rev. 2
EMI4163MU ONSEMI-EMI4163MU Datasheet
880Kb / 11P
   Common Mode Filter with ESD Protection
March, 2013 ??Rev. 0
EMI4183 ONSEMI-EMI4183 Datasheet
874Kb / 10P
   Common Mode Filter with ESD Protection
May, 2011 ??Rev. 0
EMI4172 ONSEMI-EMI4172 Datasheet
776Kb / 10P
   Common Mode Filter with ESD Protection
October, 2012 ??Rev. 0
logo
STMicroelectronics
ECMF02-3F3 STMICROELECTRONICS-ECMF02-3F3 Datasheet
449Kb / 12P
   Common mode filter with ESD protection
December 2013 Rev 3
logo
ON Semiconductor
EMI2180 ONSEMI-EMI2180 Datasheet
219Kb / 7P
   Common Mode Filter with ESD Protection
April, 2014 ??Rev. 2
EMI4192 ONSEMI-EMI4192 Datasheet
1Mb / 9P
   Common Mode Filter with ESD Protection
March, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com