Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC15457 Datasheet(PDF) 1 Page - Cree, Inc

Part # FC15457
Description  Florentina series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FC15457 Datasheet(HTML) 1 Page - Cree, Inc

  FC15457 Datasheet HTML 1Page - Cree, Inc FC15457 Datasheet HTML 2Page - Cree, Inc FC15457 Datasheet HTML 3Page - Cree, Inc FC15457 Datasheet HTML 4Page - Cree, Inc FC15457 Datasheet HTML 5Page - Cree, Inc FC15457 Datasheet HTML 6Page - Cree, Inc FC15457 Datasheet HTML 7Page - Cree, Inc FC15457 Datasheet HTML 8Page - Cree, Inc FC15457 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
PRODUCT DATASHEET
Florentina series
last update 3/1/2017
DETAILS
Product Number
FC15457_FLORENTINA-1-M-60
Family
Florentina
Type
Assembly
Color
black
Diameter
39,7x39,7 mm
Height
31,87 mm
Style
rectang
Optic Material
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
3/01/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XHP35 HD
32 deg
Medium
76 %
2.200
-
XP-G2
31 deg
Medium
78 %
2.600
-
XP-L
31 deg
Medium
76 %
2.300
-
XT-E
31 deg
Medium
76 %
2.500
-
LUXEON TX
31 deg
Medium
77 %
2.600
-
LUXEON 5050
31 deg
Medium
77 %
2.300
-
NVSxx19B/NVSxx19C
31 deg
Medium
78 %
2.600
-
Oslon Square Gen3
31 deg
Medium
79 %
2.600
-
Oslon SSL 150
31 deg
Medium
78 %
2.700
-
Oslon Square EC
31 deg
Medium
78 %
2.600
-
Z8Y22P
30 deg
Medium
74 %
2.400
-
June 9th 2017 5:23 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FC15457

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC154 SANYO-FC154 Datasheet
248Kb / 7P
   High-Speed Switching, High-Frequency Amp Applications
logo
Cree, Inc
FC15461 CREE-FC15461 Datasheet
772Kb / 7P
   Florentina series
FC15464 CREE-FC15464 Datasheet
770Kb / 7P
   Florentina series
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
   Florentina series
FC15467 CREE-FC15467 Datasheet
767Kb / 7P
   Florentina series
More results

Similar Description - FC15457

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
   Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
   Florentina series
FC15726 CREE-FC15726 Datasheet
1Mb / 19P
   Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
   Florentina series
FC14971 CREE-FC14971 Datasheet
878Kb / 11P
   Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
   Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
   Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
   Florentina series
FC15718 CREE-FC15718 Datasheet
1Mb / 15P
   Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
   Florentina series
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
   Florentina series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com