Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC15726 Datasheet(PDF) 4 Page - Cree, Inc

Part # FC15726
Description  Florentina series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FC15726 Datasheet(HTML) 4 Page - Cree, Inc

  FC15726 Datasheet HTML 1Page - Cree, Inc FC15726 Datasheet HTML 2Page - Cree, Inc FC15726 Datasheet HTML 3Page - Cree, Inc FC15726 Datasheet HTML 4Page - Cree, Inc FC15726 Datasheet HTML 5Page - Cree, Inc FC15726 Datasheet HTML 6Page - Cree, Inc FC15726 Datasheet HTML 7Page - Cree, Inc FC15726 Datasheet HTML 8Page - Cree, Inc FC15726 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Reference 3D and 2D to PF-pin
by requesting 3D mechanical
model of product
Fastening options to
customers front panel:
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
-
SHEET
3/3
SIZE
A3
DRAWING TITLE
FLORENTINA-2X2 OPEN assembly
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
1 4 . 5
3 0 . 5
4 6 . 5
6 2 . 5
M3 Fastening hole positions
Red circles: M3 fastening
Blue circles: M4 fastening
Green areas: Pockets for clip fastening
Brown area: Glue
Violet circles: PF-pin fastening
Orange circles: PT screw fastening
7 7
M4 Fastening hole positions
PF-pin location


Similar Part No. - FC15726

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC15720 CREE-FC15720 Datasheet
1Mb / 17P
   Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
   Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
   Florentina series
More results

Similar Description - FC15726

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FC15465 CREE-FC15465 Datasheet
765Kb / 7P
   Florentina series
FC15725 CREE-FC15725 Datasheet
1Mb / 19P
   Florentina series
FCA15450 CREE-FCA15450 Datasheet
165Kb / 4P
   Florentina series
FC14971 CREE-FC14971 Datasheet
878Kb / 11P
   Florentina series
FC15724 CREE-FC15724 Datasheet
1Mb / 17P
   Florentina series
FC14975 CREE-FC14975 Datasheet
1Mb / 15P
   Florentina series
FCA15451 CREE-FCA15451 Datasheet
185Kb / 4P
   Florentina series
FC15718 CREE-FC15718 Datasheet
1Mb / 15P
   Florentina series
FC14974 CREE-FC14974 Datasheet
1Mb / 17P
   Florentina series
FC14973 CREE-FC14973 Datasheet
1Mb / 17P
   Florentina series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com