Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMIS60R750P Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MMIS60R750P
Description  600V 0.75(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMIS60R750P Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MMIS60R750P Datasheet HTML 1Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 2Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 3Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 4Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 5Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 6Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 7Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 8Page - MagnaChip Semiconductor. MMIS60R750P Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMIS60R750P Datasheet
Mar. 2016 Revision 1.1
MagnaChip Semiconductor Ltd.
3
 Static Characteristics (T
c=25℃ unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain
– Source
Breakdown voltage
V(BR)DSS
600
-
-
V
VGS = 0V,
ID=0.25mA
Gate Threshold Voltage
VGS(th)
2
3
4
V
VDS = VGS, ID=0.25mA
Zero Gate Voltage
Drain Current
IDSS
-
-
1
μA
VDS = 600V,
VGS = 0V
Gate Leakage Current
IGSS
-
-
100
nA
VGS = ±30V,
VDS =0V
Drain-Source On
State Resistance
RDS(ON)
-
0.68
0.75
VGS = 10V, ID = 2.0A
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Capacitance
Ciss
-
575
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
430
-
Reverse Transfer Capacitance
Crss
-
20
-
Effective Output Capacitance
Energy Related
(3)
Co(er)
-
16
-
VDS = 0V to 480V,
VGS = 0V,f = 1.0MHz
Turn On Delay Time
td(on)
-
11
-
ns
VGS = 10V, RG = 25Ω,
VDS = 300V, ID = 5.7A
Rise Time
tr
-
31
-
Turn Off Delay Time
td(off)
-
37
-
Fall Time
tf
-
23
-
Total Gate Charge
Qg
-
15
-
nC
VGS = 10V, VDS = 480V,
ID = 5.7A
Gate
– Source Charge
Qgs
-
4.5
-
Gate
– Drain Charge
Qgd
-
6
-
Gate Resistance
RG
-
4.5
-
VGS = 0V, f = 1.0MHz
3) Co(er) is a capacitance that gives the same stored energy as COSS while VDS is rising from 0V to 80% V(BR)DSS
 Dynamic Characteristics (T
c=25℃ unless otherwise specified)


Similar Part No. - MMIS60R750P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMIS60R750PTH ISC-MMIS60R750PTH Datasheet
376Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMIS60R750P

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMD60R750P MGCHIP-MMD60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
MMF60R750P MGCHIP-MMF60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
MMP60R750P MGCHIP-MMP60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
MDP9N60 MGCHIP-MDP9N60 Datasheet
991Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDF9N60 MGCHIP-MDF9N60 Datasheet
739Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDFS10N60D MGCHIP-MDFS10N60D Datasheet
942Kb / 6P
   N-Channel MOSFET 600V, 10A, 0.75(ohm)
MMD70R750P MGCHIP-MMD70R750P Datasheet
1Mb / 10P
   700V 0.75(ohm) N-channel MOSFET
logo
Taiwan Semiconductor Co...
TSM60N750 TSC-TSM60N750 Datasheet
812Kb / 7P
   600V, 6A, 0.75 N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP10N60 TAK_CHEONG-TFP10N60 Datasheet
3Mb / 8P
   N-Channel Power MOSFET 10A, 600V, 0.75廓
logo
ON Semiconductor
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com