Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT40100UDC_R2_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SBT40100UDC_R2_00001
Description  EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBT40100UDC_R2_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SBT40100UDC_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. SBT40100UDC_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. SBT40100UDC_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. SBT40100UDC_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PSBT40100UDC
May 10,2017-REV.00
Page 3
0
5
10
15
20
25
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
1000
1
10
100
V
R, Reverse Bias Voltage (V)
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C
Per Diode
Per Diode
Per Diode
Per Diode
Percent of Rated Peak Reverse Voltage (%)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Fig.5 Operating Temperature Derating Curve


Similar Part No. - SBT40100UDC_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT40100UCT PANJIT-SBT40100UCT Datasheet
160Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UCT PANJIT-SBT40100UCT_16 Datasheet
384Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UCT_T0_00001 PANJIT-SBT40100UCT_T0_00001 Datasheet
384Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UFCT PANJIT-SBT40100UFCT Datasheet
155Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT40100UFCT PANJIT-SBT40100UFCT_17 Datasheet
400Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBT40100UDC_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SVT12150UB PANJIT-SVT12150UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15100UB PANJIT-SVT15100UB_16 Datasheet
400Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT15120U PANJIT-SVT15120U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT2080UA PANJIT-SVT2080UA Datasheet
256Kb / 4P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20150U PANJIT-SVT20150U_16 Datasheet
399Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT5100UF PANJIT-SRT5100UF_16 Datasheet
261Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVM860U PANJIT-SVM860U_16 Datasheet
285Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SBT30100UFYT PANJIT-SBT30100UFYT Datasheet
282Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SRT880XF PANJIT-SRT880XF_16 Datasheet
364Kb / 6P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
SVT20120U PANJIT-SVT20120U Datasheet
227Kb / 5P
   EXTREME LOW VF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com