Electronic Components Datasheet Search |
|
STZ6.8N Datasheet(PDF) 1 Page - Rohm |
|
STZ6.8N Datasheet(HTML) 1 Page - Rohm |
1 / 2 page STZ6.8N Diodes Zener diode STZ6.8N ! ! ! ! Applications Constant voltage control Noise suppression on signal line ! ! ! ! Features 1) Small surface mounting type. (SMD3) 2) Multiple diodes with common anode configuration. 3) High reliability. ! ! ! ! Construction Silicon epitaxial planar ! ! ! ! Circuit ! ! ! ! External dimensions (Units : mm) (All leads have the same dimensions) 0.15 0.4 0 ∼0.1 1.1 0.8±0.1 2.9±0.2 1.9±0.2 0.95 0.95 +0.2 −0.1 +0.1 −0.06 +0.1 −0.05 ROHM : SMD3 EIAJ : SC-59 JEDEC : SOT-346 ! ! ! ! Absolute maximum ratings (Ta=25 °C) Parameter Symbol Limits 200 Unit mW Tj 150 ˚C Tstg −55∼+150 ˚C P Power dissipation∗ Junction temperature Storage temperature ∗ Total of 2 elements. ! ! ! ! Electrical characteristics (Ta=25 °C) Parameter Symbol Min. Typ. Max. Unit Conditions VZ IR 6.47 − − − 7.14 0.5 V µA IZ=5mA VR=3.5V Zz −− 40 Ω IZ=5mA ZZK −− 60 Ω IZ=0.5mA Zener voltage Reverse current Operating resistance Rising operating resistance |
Similar Part No. - STZ6.8N |
|
Similar Description - STZ6.8N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |