Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD23N06-31L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SUD23N06-31L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD23N06-31L Datasheet(HTML) 2 Page - Vishay Siliconix

  SUD23N06-31L Datasheet HTML 1Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 2Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUD23N06-31L
Vishay Siliconix
www.vishay.com
2
Document Number: 72145
S-03536—Rev. A, 24-Mar-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
60
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
1.0
2.0
3.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
VDS = 48 V, VGS = 0 V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 48 V, VGS = 0 V, TJ = 125_C
50
mA
g
DSS
VDS = 48 V, VGS = 0 V, TJ = 175_C
250
m
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
50
A
VGS = 10 V, ID = 15 A
0.025
0.031
Drain Source On State Resistanceb
rDS( )
VGS = 10 V, ID = 15 A, TJ = 125_C
0.055
W
Drain-Source On-State Resistanceb
rDS(on)
VGS = 10 V, ID = 15 A, TJ = 175_C
0.069
W
VGS = 4.5 V, ID = 10 A
0.037
0.045
Forward Transconductanceb
gfs
VDS = 15 V, ID = 15 A
20
S
Dynamic
Input Capacitance
Ciss
670
Output Capacitance
Coss
VGS = 0 V, VDS = 25 V, f = 1 MHz
140
pF
Reverse Transfer Capacitance
Crss
60
Total Gate Chargec
Qg
11
17
Gate-Source Chargec
Qgs
VDS = 30 V, VGS = 10 V, ID = 23 A
3
nC
Gate-Drain Chargec
Qgd
DS
,
GS
, D
3
Turn-On Delay Timec
td(on)
8
15
Rise Timec
tr
VDD = 30 V, RL = 1.3 W
15
25
ns
Turn-Off Delay Timec
td(off)
VDD
30 V, RL
1.3
W
ID ^ 23 A, VGEN = 10 V, RG = 2.5 W
30
45
ns
Fall Timec
tf
25
40
Source-Drain Diode Ratings and Characteristics (TC = 25_C)
Pulsed Current
ISM
50
A
Diode Forward Voltage
VSD
IF = 15 A, VGS = 0 V
1.0
1.5
V
Reverse Recovery Time
trr
IF = 15 A, di/dt = 100 A/ms
30
60
ns
Notes:
b.
For design aid only; not subject to production testing.
c.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
d.
Independent of operating temperature.


Similar Part No. - SUD23N06-31L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD23N06-31L-GE3 VBSEMI-SUD23N06-31L-GE3 Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
SUD23N06-31L-T1-E3 VBSEMI-SUD23N06-31L-T1-E3 Datasheet
795Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com