Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUD23N06-31L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUD23N06-31L
Description  N-Channel 60-V (D-S), 175C MOSFET, Logic Level
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD23N06-31L Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD23N06-31L Datasheet HTML 1Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 2Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 3Page - Vishay Siliconix SUD23N06-31L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUD23N06-31L
Vishay Siliconix
www.vishay.com
4
Document Number: 72145
S-03536—Rev. A, 24-Mar-03
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.5
1.0
1.5
2.0
2.5
- 50
- 25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
Source-Drain Diode Forward Voltage
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
1.5
VGS = 10 V
ID = 15 A
TJ = 25_C
TJ = 150_C
THERMAL RATINGS
0
5
10
15
20
25
0
25
50
75
100
125
150
175
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
100
10
0.1
0.1
1
10
100
1
TC = 25_C
Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
2
1
0.1
0.01 10-4
10-3
10-2
10-1
1
Maximum Drain Current vs.
Ambiemt Temperature
TA - Ambient Temperature (_C)
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1 ms
10 ms
100 ms
dc
10
Limited
by rDS(on)
10
ms
100
ms


Similar Part No. - SUD23N06-31L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD23N06-31L-GE3 VBSEMI-SUD23N06-31L-GE3 Datasheet
897Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
SUD23N06-31L-T1-E3 VBSEMI-SUD23N06-31L-T1-E3 Datasheet
795Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com