Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL431 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # BL431
Description  Programmable Shunt Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

BL431 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  BL431_14 Datasheet HTML 1Page - Sirectifier Semiconductors BL431_14 Datasheet HTML 2Page - Sirectifier Semiconductors BL431_14 Datasheet HTML 3Page - Sirectifier Semiconductors BL431_14 Datasheet HTML 4Page - Sirectifier Semiconductors BL431_14 Datasheet HTML 5Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
Programmable Shunt Regulator
BL431
C171
www.gmicroelec.com
Rev.A
1
FEATURES
Programmable output voltage to 36 volts
Low dynamic output impedance 0.20 typical
Sink current capability of 1.0 to 100mA
Equivalent full-range temperature coefficient of 50ppm/℃
typical
Temperature compensated for operation over full rated
Operating temperature range
Low output noise voltage
SOT-23
Fast turn-on response
ORDERING INFORMATION
Type No.
Marking
Package Code
BL431
431
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
limits
unit
Cathode Voltage
VKA
37
V
Cathode current Range(Continuous)
IKA
-100 to +150
mA
Reference Input Current Range
IREF
0.05 to 10
mA
Power dissipation
PD
350
mW
Thermal Resistance Junction–to–Ambient
RθJA
350
℃/W
Thermal Resistance, Junction–to–Case
RθJC
155
℃/W
Operating Junction Temperature
TJ
150
Operating temperature Range
TOPR
-25 to + 105
Storage temperature Range
TSTG
-65 to +150
Recommended Operating Conditions
Parameter
symbol
Min
Typ
Max
Unit
Cathode Voltage
VKA
VREF
-
36
V
Cathode Current
I
KA
1.0
-
100
mA
Pb
Lead-free


Similar Part No. - BL431_14

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - BL431_14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com