Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER306-2C3A-2CDO-27 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # HER306-2C3A-2CDO-27
Description  3.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER306-2C3A-2CDO-27 Datasheet(HTML) 2 Page - Nanjing International Group Co

  HER306-2C3A-2CDO-27 Datasheet HTML 1Page - Nanjing International Group Co HER306-2C3A-2CDO-27 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES (HER301 THRU HER308)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
30
60
120
150
90
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.5
0
1.0
1.5
2.0
2.5
3.0
DERATING CURVE
1.6 1.8
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175


Similar Part No. - HER306-2C3A-2CDO-27

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HER306-LFR FRONTIER-HER306-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
HER306-M23 RECTRON-HER306-M23 Datasheet
104Kb / 7P
   HIGH EFFICIENCY SILICON RECTIFIER VOLTAGE 600 Volts CURRENT 3.0 Amperes
logo
Won-Top Electronics
HER306-T3 WTE-HER306-T3 Datasheet
48Kb / 3P
   3.0A HIGH EFFICIENCY RECTIFIER
HER306-T3 WTE-HER306-T3 Datasheet
52Kb / 4P
   3.0A ULTRAFAST DIODE
HER306-TB WTE-HER306-TB Datasheet
48Kb / 3P
   3.0A HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER306-2C3A-2CDO-27

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
US3G-2C3A-2CDO-214AB DGNJDZ-US3G-2C3A-2CDO-214AB Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3K-2C3A-2CDO-214AA DGNJDZ-US3K-2C3A-2CDO-214AA Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER302G-2C3A-2CDO-27 DGNJDZ-HER302G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER303-2C3A-2CDO-27 DGNJDZ-HER303-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER306G-2C3A-2CDO-27 DGNJDZ-HER306G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER307-2C3A-2CDO-27 DGNJDZ-HER307-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3002-2C3A-2CDO-27 DGNJDZ-UF3002-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3007-2C3A-2CDO-27 DGNJDZ-UF3007-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3001 DGNJDZ-UF3001 Datasheet
204Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com