Electronic Components Datasheet Search |
|
SPB2045C Datasheet(PDF) 1 Page - HY ELECTRONIC CORP. |
|
SPB2045C Datasheet(HTML) 1 Page - HY ELECTRONIC CORP. |
1 / 3 page FEATURES ●Guard ring for transient protection ●Low power loss,high efficiency ●High current capability,low VF ●High surge capacity MECHANICAL DATA ●Polarity: As marked on the body ●Mounting position :Any Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25℃ ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% Maximum Recurrent Peak Reverse Voltage VRRM Maximum RMS Voltage VRMS Maximum DC Blocking Voltage VDC Maximum Average Forward Rectified Current ( See Fig.1) @TC=95 ℃ Peak Forward Surge Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load (JEDEC Method) Peak Forward Voltage at 10.0A DC(Note1) VF Maximum DC Reverse Current @TJ=25℃ at Rated DC Bolcking Voltage @TJ=125℃ Typical Thermal Resistance(Note2) RθJc Operating Temperature Range TJ Storage Temperature Range TSTG 3.The typical data above is for reference only(典型值仅供参考). Rev. 7, 16-Mar-2017 V ●Metal of silicon rectifier , majority carrier conduction ●Plastic package has UL flammability classification 94V-0 ●For use in low voltage,high frequency inverters,free wheeling,and polarity protection applications CHARACTERISTICS SYMBOL UNIT PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER SPB2045C thru SPB2050C REVERSE VOLTAGE - 45 to 50 Volts FORWARD CURRENT - 20 Amperes V I(AV) 20 A V SPB2050C 50 0.5 35 50 SPB2045C 45 31.5 45 50 IFSM 275 A ℃ ℃ V mA 1.5 -55 to +200 0.55 NOTES:1.300us pulse width,2% dudy cycle. 2.Thermal Resistance Junction to case(without heatsink). -55 to +200 IR ℃ /W D 2PAK .070(1.78) .110(2.79) .208(5.28) .188(4.78) .015(0.38) .025(0.64) .035(0.89) .020(0.51) BSC 2.54 (.100) MAX .065(1.65) .380(9.65) .335(8.51) .190(4.83) .160(4.06) .047(1.2) .055(1.4) .374(9.5) .413(10.5) |
Similar Part No. - SPB2045C_17 |
|
Similar Description - SPB2045C_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |