Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSS-B20-NP-07 Datasheet(PDF) 2 Page - CUI INC

Part # HSS-B20-NP-07
Description  available with and without solder pins
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

HSS-B20-NP-07 Datasheet(HTML) 2 Page - CUI INC

  HSS-B20-NP-07 Datasheet HTML 1Page - CUI INC HSS-B20-NP-07 Datasheet HTML 2Page - CUI INC HSS-B20-NP-07 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
cui.com
CUI Inc
│ SERIES: HSS-B20-04 │ DESCRIPTION: HEAT SINK
date 03/29/2017
│ page 2 of 3
HSS-B20-061H-01
HSS-B20-0953H-01
HSS-B20-NP-07
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
MATERIAL
AL5052
FINISH
black anodized
THICKNESS
0.8 mm
PIN MATERIAL
brass
PIN PLATING
tin
WEIGHT
HSS-B20-061H-01: 1.6 g
HSS-B20-0953H-01: 1.6 g
HSS-B20-NP-07: 1.3 g
For more information, please visit the product page.


Similar Part No. - HSS-B20-NP-07

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-NP-01 CUI-HSS-B20-NP-01 Datasheet
278Kb / 3P
   low profile design
HSS-B20-NP-02 CUI-HSS-B20-NP-02 Datasheet
292Kb / 3P
   HEAT SINK
HSS-B20-NP-03 CUI-HSS-B20-NP-03 Datasheet
303Kb / 3P
   clip for easy component attachment
HSS-B20-NP-04 CUI-HSS-B20-NP-04 Datasheet
329Kb / 3P
   two hole options for longer component pins
HSS-B20-NP-06 CUI-HSS-B20-NP-06 Datasheet
264Kb / 3P
   round hole for component attachment
More results

Similar Description - HSS-B20-NP-07

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
503 ARIES-503 Datasheet
658Kb / 1P
   Available with Solder Tail or Wire Wrap Pins
0503 ARIES-0503 Datasheet
554Kb / 1P
   Available with Solder Pin Tails or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
   Available with Solder Pin Tails or Wire Wrap Pins
logo
PowerDynamics, Inc
PD-HEC2-FPC-S-W POWERDYNAMICS-PD-HEC2-FPC-S-W Datasheet
218Kb / 1P
   SOLDER PINS
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43520A3687M000 EPCOS-B43520A3687M000 Datasheet
261Kb / 11P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43514 EPCOS-B43514 Datasheet
255Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
B43511 EPCOS-B43511 Datasheet
254Kb / 10P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
Amphenol Corporation
U77-A1112 AMPHENOL-U77-A1112 Datasheet
811Kb / 7P
   SFP SINGLE CASE WITH SOLDER PINS
P-U77-A161X-X00X AMPHENOL-P-U77-A161X-X00X Datasheet
812Kb / 7P
   IPF SINGLE CAGE WITH SOLDER PINS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com