Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER304 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # HER304
Description  3.0 AMP HIGH EFFICIENCY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HER304 Datasheet(HTML) 2 Page - Nanjing International Group Co

  HER304 Datasheet HTML 1Page - Nanjing International Group Co HER304 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
RATING AND CHARACTERISTIC CURVES (HER301 THRU HER308)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
30
60
120
150
90
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.2-TYPICAL FORWARD CURRENT
0.5
0
1.0
1.5
2.0
2.5
3.0
DERATING CURVE
1.6 1.8
REVERSE VOLTAGE,(V)
175
150
125
100
75
50
25
0
.01
.05
.1
.5
1
5
10
50
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175


Similar Part No. - HER304

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER304 DIOTECH-HER304 Datasheet
820Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Mospec Semiconductor
HER304 MOSPEC-HER304 Datasheet
125Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,50-400V)
logo
Formosa MS
HER304 FORMOSA-HER304 Datasheet
102Kb / 6P
   Axial Leaded High Effciency Rectifiers
logo
Micro Commercial Compon...
HER304 MCC-HER304 Datasheet
292Kb / 3P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Leshan Radio Company
HER304 LRC-HER304 Datasheet
64Kb / 2P
   3A High Efficiency Diodes
More results

Similar Description - HER304

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
US3G-2C3A-2CDO-214AB DGNJDZ-US3G-2C3A-2CDO-214AB Datasheet
106Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3K-2C3A-2CDO-214AA DGNJDZ-US3K-2C3A-2CDO-214AA Datasheet
154Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER302G-2C3A-2CDO-27 DGNJDZ-HER302G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER303-2C3A-2CDO-27 DGNJDZ-HER303-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER306-2C3A-2CDO-27 DGNJDZ-HER306-2C3A-2CDO-27 Datasheet
176Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
HER306G-2C3A-2CDO-27 DGNJDZ-HER306G-2C3A-2CDO-27 Datasheet
201Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3002-2C3A-2CDO-27 DGNJDZ-UF3002-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3007-2C3A-2CDO-27 DGNJDZ-UF3007-2C3A-2CDO-27 Datasheet
237Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3001 DGNJDZ-UF3001 Datasheet
204Kb / 2P
   3.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com