Electronic Components Datasheet Search |
|
HER305 Datasheet(PDF) 1 Page - Nanjing International Group Co |
|
HER305 Datasheet(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page HER301 HER308 THRU 3.0 AMP HIGH EFFICIENCY RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=50 C FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) 3.0 1.0 1.3 1.85 150 10 200 50 75 75 -65 +150 V NOTES: 1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any Weight: 1.10 grams * VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes HER301 HER302 HER303 HER304 HER305 HER306 HER307 HER308 UNITS 50 100 200 300 400 600 800 1000 50 100 200 300 400 600 800 1000 35 70 140 210 280 420 560 700 V V * High speed switching DO-27 Dimensions in inches and (millimeters) 0.945 (24.0) MIN. 0.945 (24.0) MIN. .375(9.5) .285(7.2) .052(1.3) .043(1.1) DIA. .220(5.6) .197(5.0) DIA. Operating and Storage Temperature Range T , T J STG A A V µA µA nS pF C * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request |
Similar Part No. - HER305 |
|
Similar Description - HER305 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |