Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS23A Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SS23A
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS23A Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SS23A Datasheet HTML 1Page - HY ELECTRONIC CORP. SS23A Datasheet HTML 2Page - HY ELECTRONIC CORP. SS23A Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
SS22A thru SS210A
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
25
50
75
100
125
150
175
2.0
1.0
0
SINGLE PHASE HALF WAVE
60Hz
FIG. 1 - FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ℃
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125
TJ=25
TJ=100
REVERSE VOLTAGE, (VOLTS)
FIG.4-TYPICAL JUNCTION CAPACITANCE
0.1
1000
100
10
1.0
4.0
10.0
100
TJ=25f=1MHZ
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
60
10
0
40
50
30
20
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.3
0.5
0.7
1.1
1.5
1.3
0.9
1.7
100
10
0.1
1.0
SS28A -SS210A
SS22A -
SS25A -SS26A
TJ = 25°C
PULSE WIDTH 300us


Similar Part No. - SS23A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS23A SSE-SS23A Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Suntan Capacitors
SS23A SUNTAN-SS23A Datasheet
245Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SS23A BILIN-SS23A Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS23A BILIN-SS23A Datasheet
550Kb / 4P
   Schottky Barrier Rectifiers
logo
TAITRON Components Inco...
SS23A TAITRON-SS23A Datasheet
585Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS23A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com