Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C14724 Datasheet(PDF) 2 Page - Cree, Inc

Part # C14724
Description  HighBay series
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C14724 Datasheet(HTML) 2 Page - Cree, Inc

  C14724 Datasheet HTML 1Page - Cree, Inc C14724 Datasheet HTML 2Page - Cree, Inc C14724 Datasheet HTML 3Page - Cree, Inc C14724 Datasheet HTML 4Page - Cree, Inc C14724 Datasheet HTML 5Page - Cree, Inc C14724 Datasheet HTML 6Page - Cree, Inc C14724 Datasheet HTML 7Page - Cree, Inc C14724 Datasheet HTML 8Page - Cree, Inc C14724 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
A
D
3
2
4
1
SCALE
1:1 WEIGHT
SHEET
SIZE
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
C14724
C14724_HB-2x2-WWW
A4
1/1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
up to 30mm class M, otherwise class C
According to DIN ISO 2768-2
Form and position: class L
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
INDEX PART NO DESCRIPTION MATERIAL COLOUR
1
C14724
HB-2x2-WWW
PMMA
13,66 g
50
3.2
Top view
2
3.4
25.4
c/c
LED middle position
Bottom view
Front view
Isometric view


Similar Part No. - C14724

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14724 LEDIL-C14724 Datasheet
3Mb / 62P
   HighBay Lens array
More results

Similar Description - C14724

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CS14891 CREE-CS14891 Datasheet
1Mb / 33P
   HighBay series
C12345 CREE-C12345 Datasheet
1,016Kb / 17P
   HighBay series
C13490 CREE-C13490 Datasheet
89Kb / 3P
   HighBay series
C13605 CREE-C13605 Datasheet
3Mb / 45P
   HighBay series
C14605 CREE-C14605 Datasheet
2Mb / 35P
   HighBay series
CS14839 CREE-CS14839 Datasheet
1Mb / 26P
   HighBay series
CS14597 CREE-CS14597 Datasheet
4Mb / 60P
   HighBay series
CS14895 CREE-CS14895 Datasheet
1Mb / 29P
   HighBay series
C13233 CREE-C13233 Datasheet
2Mb / 49P
   HighBay series
C13749 CREE-C13749 Datasheet
4Mb / 69P
   HighBay series
C14541 CREE-C14541 Datasheet
2Mb / 42P
   HighBay series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com