Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCA12077 Datasheet(PDF) 7 Page - Cree, Inc

Part # FCA12077
Description  Iris series
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FCA12077 Datasheet(HTML) 7 Page - Cree, Inc

Back Button FCA12077 Datasheet HTML 3Page - Cree, Inc FCA12077 Datasheet HTML 4Page - Cree, Inc FCA12077 Datasheet HTML 5Page - Cree, Inc FCA12077 Datasheet HTML 6Page - Cree, Inc FCA12077 Datasheet HTML 7Page - Cree, Inc FCA12077 Datasheet HTML 8Page - Cree, Inc FCA12077 Datasheet HTML 9Page - Cree, Inc FCA12077 Datasheet HTML 10Page - Cree, Inc FCA12077 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
0%
25%
50%
75%
100%
-20
-15
-10
-5
0
5
10
15
20
Relative intensity of C4F12077_Iris-RE-ES-tape


Similar Part No. - FCA12077

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA12077 LEDIL-FCA12077 Datasheet
5Mb / 14P
   ~5째 real spot beam optimized for CREE XP-E
More results

Similar Description - FCA12077

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA12776 CREE-FCA12776 Datasheet
573Kb / 10P
   Iris series
CN11770 CREE-CN11770 Datasheet
358Kb / 8P
   Iris series
FCN12775 CREE-FCN12775 Datasheet
607Kb / 10P
   Iris series
CN10861 CREE-CN10861 Datasheet
794Kb / 16P
   Iris series
CN11771 CREE-CN11771 Datasheet
500Kb / 8P
   Iris series
CN11772 CREE-CN11772 Datasheet
323Kb / 7P
   Iris series
FCN12790 CREE-FCN12790 Datasheet
572Kb / 9P
   Iris series
FCA12104 CREE-FCA12104 Datasheet
544Kb / 10P
   Iris series
FCA12777 CREE-FCA12777 Datasheet
561Kb / 10P
   Iris series
CN11470 CREE-CN11470 Datasheet
363Kb / 7P
   Iris series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com