Selected language     English  ▼


TDA4951 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part No. TDA4951
Description  TV East/ West Correction Circuit for Square Tubes
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TEMIC [TEMIC Semiconductors]
Homepage  http://www.temic.de
Logo 

   
 2 page
background image
TDA4951
TELEFUNKEN Semiconductors
Rev. A1, 19-Jul-96
2 (5)
Electrical Characteristics
VS = 26 V, Tamb = 25
°C, test circuits 1 to 5
Parameters
Test Conditions / Pins
Symbol
Min.
Typ.
Max.
Unit
Supply voltage range
Pin 6
VS
17
24
30
V
Supply current,
Test circuit 1
Pin 6
IS
4.5
7
mA
Reference voltage
Test circuit 1
Pin 3
Vref
7.6
8.0
8.8
V
Voltage at Pin 7
Test circuit figure 2, Pin 7
If =0
mA
V7A
15 3
16 0
16 7
V
Ifr = 0
mA
Ifr = 20
mA
V7A
V7C
15.3
16.0
15.4
16.7
V
Parabola coefficient
K
1
+
V
7A–V7B
V
7A–V7C
K1
26
%
K
2
+
V
7A–V7C
V
7A–V7D
K2
34
%
Difference, figure 2
V
DE7
+ V
7E–V7F
VDE7
–40
0
40
mV
Current source
Test circuit 3
Pin 8
I8
100
mA
Saturation voltage
I5 = 400 mA,
Test circuit 4
Pin 5
VsatL
1
2
V
Saturation voltage
I5 = –100 mA,
Test circuit 5
Pin 5
VsatH
0.8
1.5
V
Forward voltage
I5 = 400 mA,
Test circuit 5
Pin 5
VF
1.2
1.7
V
Forward voltage
(substrate diode)
I5 = –100 mA,
Test circuit 4
Pin 5
V5
0.8
1.2
V
V7
V7B
V7C
V7D
V7E
–60
0
10
20
35
60
mA
V7F
IFR
V7A
93 7666
Figure 2. Parabola coefficients




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA8145TV EAST/WEST CORRECTION CIRCUIT FOR SQUARE TUBES 1 2 3 4 5 STMicroelectronics
STV9306BUS CONTROLLED VERTICAL DEFLECTION SYSTEM WITH EAST/WEST CORRECTION OUTPUT CIRCUIT 1 2 3 4 5 MoreSTMicroelectronics
NTE2030Integrated Circuit High Voltage Segment Driver for Gas Discharge Tubes 1 2 3 NTE Electronics
STV9306ABus-Controlled Vertical Deflection System with East/West Correction Output Circuit 1 2 3 4 5 MoreSTMicroelectronics
TDA4950TV EAST/WEST CORRECTION CIRCUIT 1 2 3 4 5 STMicroelectronics
TDA8146EAST/WEST CORRECTION FOR RECTANGULAR TV-TUBES 1 2 3 4 5 STMicroelectronics
NTE1370Integrated Circuit Audio Power Amplifier 5.8W for Car Radio 1 2 NTE Electronics
NTE1604Integrated Circuit FM IF System for Car Radio 1 2 3 NTE Electronics
NTE1702Integrated Circuit Color ACC Circuit for VCR 1 2 NTE Electronics
NTE1745Integrated Circuit High Speed Divider 1/20 1/100 for VCR 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl