Electronic Components Datasheet Search |
|
155124M173200 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
155124M173200 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 7 page Dimensions: [mm] 1,42 1,42 0,3 2,14 1,3 2,2 3,2 Anode Mark 1 3 2 4 Scale - 10:1 Recommended Land Pattern: [mm] 0,3 1,5 2,2 3,4 1 4 2 3 Scale - 10:1 Schematic: + 1 - 2 - 3 - 4 B G R Properties Test conditions Value Unit Power Dissipation (Red) PDISS R 45 mW Power Dissipation (Green) PDISS G 56 mW Power Dissipation (Blue) PDISS B 60 mW Peak Forward Current duty/ 10 @ 1 kHz IF Peak 30 mA Continuous Forward Current IF 20 mA Reverse Voltage VREV 5 V ESD Threshold/ Human Body Model VESD HBM 1000 V Absolute Maximum Ratings (Ambient Temperature 25°C): Chip Technology AlInGaP + InGaN Emitting Color Red & Green & Blue Lens Type Round Optical Properties: Operating Temperature -40 °C up to +85 °C Storage Temperature (in original packaging) -40 °C up to +85 °C; 60% RH max. Moisture Sensitive Level MSL 3 General Information: Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD KaS PLD DIN ISO 2768-1m DESCRIPTION WL-SFSW SMD Full-color Side view Waterclear ORDER CODE 155124M173200 SIZE REVISION STATUS DATE BUSINESS UNIT PAGE 1204 001.000 Valid 2016-08-12 eiPal 1/7 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 155124M173200 |
|
Similar Description - 155124M173200 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |