Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15400394A3590 Datasheet(PDF) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 15400394A3590
Description  WL-TIRW THT Infrared Round Waterclear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

15400394A3590 Datasheet(HTML) 7 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  15400394A3590 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 15400394A3590 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Cautions and Warnings:
The following conditions apply to all goods within the product series of WL-TIRW of
Würth Elektronik eiSos GmbH & Co. KG:
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the component surface, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the LED body, pins or termination is possibly damaged by this pressure and so the
electrical as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the LED body, pins or
termination of the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Washing varnish agent that is used during the production to clean the customer application might damage or change the characteristics of
the LED body, pins or termination. The washing varnish agent could have a negative effect on the long term function of the product.
Direct mechanical impact to the product shall be prevented as the material of the LED body, pins or termination could flake or in the worst
case it could break.
The standard deliveries include values in the range and limitation as defined in the Electrical Optical Properties specified in the datasheet.
On each reel, only one bin is sorted and taped. The bin is defined on intensity, chromaticity coordinate or wavelength and forward voltage. In
order to ensure highest availability, the reel binning of standard deliveries can vary. A single bin cannot be ordered. Please contact us in
advance, if you need a particular bin sorting before placing your order to clarify the lead time, MOQ and pricing.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
• The soldering profile has to be complied with according to the technical reflow/ or wave soldering specification, otherwise this will void
the warranty.
• All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t
be ensured.
• Violation of the technical product specifications such as exceeding the absolute maximum ratings will void the warranty.
• It is also recommended to return the LEDs to the original moisture proof bag and reseal the moisture proof bag again.
• Certain LED surfaces consist of soft material. Pressure on the top surface has to be handeled carefully to prevent negative influence to
the function and reliability of the LEDs.
• ESD prevention methods need to be applicated for manual handling and processing by machinery.
• Resistors for protection are obligatory.
• Luminaires in operation could harm human vision or skin on a photo-biological level, therefore direct light impact has to be avoided. All
products are additionally certified as risk groups 0 to 2 according to DIN EN 62471:2008.
The general and prodcut specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate
and reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
ZAn
DIN ISO 2768-1m
DESCRIPTION
WL-TIRW THT Infrared Round
Waterclear
ORDER CODE
15400394A3590
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
3 mm
001.000
Valid
2016-07-15
eiPal
7/8
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 15400394A3590

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15400394F3590 WURTH-15400394F3590 Datasheet
1Mb / 8P
   WL-TIRC THT Infrared Round Waterclear
001.000
More results

Similar Description - 15400394A3590

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
15400385A3590 WURTH-15400385A3590 Datasheet
937Kb / 8P
   WL-TIRW THT Infrared Round Waterclear
15400585A3590 WURTH-15400585A3590 Datasheet
937Kb / 8P
   WL-TIRW THT Infrared Round Waterclear
15400594A3590 WURTH-15400594A3590 Datasheet
938Kb / 8P
   WL-TIRW THT Infrared Round Waterclear
15400594F3590 WURTH-15400594F3590 Datasheet
1Mb / 8P
   WL-TIRC THT Infrared Round Waterclear
001.001
15400394F3590 WURTH-15400394F3590 Datasheet
1Mb / 8P
   WL-TIRC THT Infrared Round Waterclear
001.000
15400385F3590 WURTH-15400385F3590 Datasheet
1Mb / 8P
   WL-TIRC THT Infrared Round Waterclear
001.000
1540031EA4590 WURTH-1540031EA4590 Datasheet
1Mb / 8P
   WL-TDRW THT Phototdiode Round Waterclear
001.000
1540032NA3090 WURTH-1540032NA3090 Datasheet
1Mb / 8P
   WL-TTRW THT Phototransistor Round Waterclear
001.000
1540052NA3090 WURTH-1540052NA3090 Datasheet
1Mb / 8P
   WL-TTRW THT Phototransistor Round Waterclear
001.000
1540051EA3590 WURTH-1540051EA3590 Datasheet
1Mb / 8P
   WL-TDRW THT Phototdiode Round Waterclear
001.001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com