Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH71102 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TH71102
Description  FSK/FM/ASK Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH71102 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TH71102 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH71102 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TH71102
315/433MHz
FSK/FM/ASK Receiver
TH71102 Data Sheet
Page 5 of 20
Nov. 2001
3901071102
Rev. 005
Pin Definition and Description
Pin No.
Name
I/O Type
Functional Schematic
Description
3
OUT_LNA
analog
output
LNA open-collector output,
to be connected to external
LC tank that resonates at RF
31
IN_LNA
analog
input
LNA input, approx.
26
Ω single-ended
1
VEE_LNAC
ground
OUT_LNA
3
5k
VEE_LNAC
1
IN_LNA
31
ground of LNA core
(cascode)
2
GAIN_LNA
analog
input
GAIN_LNA
2
400
LNA gain control (CMOS
input with hysteresis)
4
IN_MIX1
analog
input
IN_MIX1
4
500µA
13
13
MIX1 input, approx. 33
single-ended
5
VEE_MIX
ground
LNA biasing ground
6
IF1P
analog I/O
open-collector output, to be
connected to external LC
tank that resonates at first IF
7
IF1N
analog I/O
20p
20p
2x500µA
IF1P
6
VEE
VCC
VEE
IF1N
7
open-collector output, to be
connected to external LC
tank that resonates at first IF
8
VCC_MIX
supply
MIX1 and MIX2 positive
supply
9
OUT_MIX2
analog
output
130
6.8k
OUT_MIX2
9
230µA
MIX2 output, approx. 330
output impedance
10
VEE_IF
ground
ground for MIX2, IFA and
DEMOD


Similar Part No. - TH71102

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71102ENE MELEXIS-TH71102ENE Datasheet
416Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
More results

Similar Description - TH71102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71101 ETC-TH71101 Datasheet
656Kb / 20P
   FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
MLX71120 MELEXIS-MLX71120_12 Datasheet
526Kb / 31P
   FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH7111 ETC1-TH7111 Datasheet
705Kb / 20P
   FSK /FM/ASK Receiver
logo
Microchip Technology
RFRXD0420 MICROCHIP-RFRXD0420 Datasheet
658Kb / 32P
   UHF ASK/FSK/FM Receiver
2003
logo
List of Unclassifed Man...
TH7110 ETC-TH7110 Datasheet
703Kb / 20P
   315/433MHz FSK/FM/ASK Receiver
logo
Melexis Microelectronic...
TH71101 MELEXIS-TH71101 Datasheet
404Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71102 MELEXIS-TH71102 Datasheet
416Kb / 22P
   315/433MHz FSK/FM/ASK Receiver
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
List of Unclassifed Man...
TH71112 ETC-TH71112 Datasheet
668Kb / 20P
   868/915MHz FSK/FM/ASK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com