Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE3080 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # SE3080
Description  30V,80A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SE3080 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  SE3080 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SE3080 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SE3080 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SE3080 Datasheet HTML 4Page - WILLAS ELECTRONIC CORP SE3080 Datasheet HTML 5Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SE3080
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
5. EAS condition:Tj=25℃,VDD=15V,VG=10V,L=1mH,Rg=25Ω
Electrical Characteristics (TJ=25°C unless otherwise noted)
Symbol
Parameter
Test Conditions
Min Typ
Max Units
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
ID=250μA, VGS=0 V
30
V
IDSS
Zero Gate Voltage Drain Current
VDS=30V, VGS=0 V
1
μ
A
IGSS
Gate-Body leakage current
VDS=0 V, VGS=±20 V
±100 nA
ON CHARACTERISTICS (Note 3)
VGS(th)
Gate Threshold Voltage
VDS=VGS ID=250uA
1
1.5
3
V
RDS(ON)
Static Drain-Source On-Resistance2
VGS=10V, ID=30A
5.5
7.5
VGS=5V, ID=24A
7.5
10
|Yfs|
Forward Transfer Admittance
VGS = 5 V, IS =24A
20
S
DYNAMIC CHARACTERISTICS (Note 4)
Ciss
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
2330
pF
Coss
Output Capacitance
460
pF
Crss
Reverse Transfer Capacitance
230
pF
SWITCHING CHARACTERISTICS (Note 4)
td(on)
Turn-on Delay Time
VDD=10V,ID=30A
VGS=10V,RGEN=2.7Ω
20
nS
tr
Turn-on Rise Time
15
nS
td(0ff)
Turn-off Delay Time
60
nS
tf
Turn-off fall Time
10
nS
Qg
Total Gate Charge
VDD=10V,ID=30A
VGS=10V
51
nC
Qgs
Gate-Source Charge
14
nC
Qgd
Gate-Drain Charge
11
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
VSD
Diode Forward Voltage(Notes 3)
VGS=0V,IS=24A
1.2
V
IS
Diode Forward Current(Notes 2)
80
A
trr
Reverse Recovery Time
TJ=25℃,IF=80A
di/dt=100A/μS(Note 3)
32
50
nS
Qrr
Reverse Recovery Charge
12
20
nC
WILLAS
WILLAS ELECTRONIC CORP.
2012-07


Similar Part No. - SE3080

ManufacturerPart #DatasheetDescription
logo
NEC
SE308 NEC-SE308 Datasheet
71Kb / 2P
   GAAS INFRARED EMITTING DIODE
More results

Similar Description - SE3080

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
logo
STMicroelectronics
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
   N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
logo
Fairchild Semiconductor
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8860 FAIRCHILD-FDB8860 Datasheet
260Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6mOhm
FDB8832 FAIRCHILD-FDB8832 Datasheet
294Kb / 7P
   N-Channel Logic Level PowerTrench MOSFET 30V, 80A, 2.1mOHM
FDB8860 FAIRCHILD-FDB8860_10 Datasheet
158Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 30V, 80A, 2.6m
logo
STMicroelectronics
STV80NE03L-06 STMICROELECTRONICS-STV80NE03L-06 Datasheet
91Kb / 8P
   N - CHANNEL 30V - 0.005ohm - 80A - PowerSO-10 STripFET MOSFET
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
   N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
   N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET??POWER MOSFET
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
   N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com