Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLHR4201 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLHR4201
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR4201 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHR4201 Datasheet HTML 1Page - Vishay Siliconix TLHR4201 Datasheet HTML 2Page - Vishay Siliconix TLHR4201 Datasheet HTML 3Page - Vishay Siliconix TLHR4201 Datasheet HTML 4Page - Vishay Siliconix TLHR4201 Datasheet HTML 5Page - Vishay Siliconix TLHR4201 Datasheet HTML 6Page - Vishay Siliconix TLHR4201 Datasheet HTML 7Page - Vishay Siliconix TLHR4201 Datasheet HTML 8Page - Vishay Siliconix TLHR4201 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83005
Rev. 1.3, 31-Aug-04
VISHAY
TLHG / O / P / R / Y420.
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature for InGaN
Figure 3. Forward Current vs. Pulse Length
100
80
60
40
0
25
50
75
100
125
Tamb - Ambient Temperature ( °C)
95 10904
20
0
0
10
20
30
40
60
95 10905
50
Tamb - Ambient Temperature ( °C)
100
80
60
40
20
0
0.02
0.05
0.1
0.2
1
0.5
ı
t p/T= 0.01
Tamb
65
°C
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length ( ms )
100
95 10047
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10041
0.6
0.9
0.8
0
°
°
°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0
Red
t p /T = 0.001
t p =10 µs
0.1
1
10
100
1000
95 10026
VF - Forward Voltage(V)
10
8
6
4
2
0
0
0
0.4
0.8
1.2
1.6
95 10027
20
40
60
80
100
Tamb - Ambient Temperature ( °C)
IF =10mA
Red


Similar Part No. - TLHR4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR4201 VISHAY-TLHR4201 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLHR4201 VISHAY-TLHR4201 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
TLHR4201 VISHAY-TLHR4201 Datasheet
214Kb / 11P
   High Efficiency LED in Ø 3 mm Tinted Non-Diffused Package
01-Jan-2023
TLHR4201-AS12Z VISHAY-TLHR4201-AS12Z Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
More results

Similar Description - TLHR4201

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR42 VISHAY-TLHR42 Datasheet
120Kb / 10P
   High Efficiency LED, 3 mm Tinted Undiffused Package
Rev. A1, 04-Feb-99
TLHO42M1N2 VISHAY-TLHO42M1N2_V01 Datasheet
107Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Undiffused Package
01-Jan-2022
TLHG440 VISHAY-TLHG440 Datasheet
313Kb / 10P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHB420 VISHAY-TLHB420 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package
Rev. A1, 04-Feb-99
TLHB440 VISHAY-TLHB440_V01 Datasheet
114Kb / 6P
   High Efficiency Blue LED, ??3 mm Tinted Diffused Package
18-Jul-08
TLHR44 VISHAY-TLHR44 Datasheet
123Kb / 11P
   High Efficiency LED in 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG440 VISHAY-TLHG440_V01 Datasheet
209Kb / 11P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLHB420 VISHAY-TLHB420_V01 Datasheet
112Kb / 5P
   High Efficiency Blue LED, ??3 mm Tinted Non-Diffused Package
18-Jul-08
TLHA44R1S2 VISHAY-TLHA44R1S2_V01 Datasheet
109Kb / 5P
   High Efficiency LED, Ø 3 mm Tinted Total Diffused Package
01-Jan-2023
TLHG44K1L2 VISHAY-TLHG44K1L2_V01 Datasheet
113Kb / 5P
   High Efficiency LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com