|
| NTE117 |
|
|||
|
NTE |
|
|
1 page
NTE117 General Purpose Silicon Rectifier Features: D Cylindrical Design with Axial Leads for Simple Handling and Installation D High Maximum Forward Current Rating: 750mA @ TA = +75°C D Maximum Ambient Operating Temperature: +175°C Absolute Maximum Ratings: DC Blocking Voltage, VR 600V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Forward Current (TA = +75°C), IF 750mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Surge Current (50Hz), ISurge 45A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating Junction Temperature Range, TJ –65 ° to +175°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage Temperature Range, Tstg –65 ° to +175°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Electrical Characteristics: Parameter Symbol Test Conditions Min Typ Max Unit Maximum Forward Voltage VF IF = 500mA, TA = +25°C – – 1.2 V Maximum Reverse Current IR VR = 600V, TJ = +150°C – – 0.4 mA 1.100 (27.94) Min .375 (9.52) Max .260 (6.6) Dia Max .032 (0.81) Dia Max |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE116 | General Purpose Silicon Rectifier | 1 2 | NTE Electronics |
| NTE552 | Silicon Rectifier General Purpose Fast Recovery | 1 | NTE Electronics |
| 3BZ41 | RECTIFIER SILICON DIFFUSED TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS | 1 2 3 | Toshiba Semiconductor |
| 1N4003CSM4 | GENERAL PURPOSE SILICON RECTIFIER DIODE | 1 | Seme LAB |
| NTE558 | General Purpose Silicon Rectifier | 1 | NTE Electronics |
| NTE571 | General Purpose Silicon Rectifier Fast Switching Soft Recovery | 1 | NTE Electronics |
| CR3-010GPP | GLASS PASSIVATED JUNCTION GENERAL PURPOSE SILICON RECTIFIER 3.0 AMP 50 THRU 1000VOLTS | 1 2 | Central Semiconductor Corp |
| CR80-010 | 80 AMP GENERAL PURPOSE SILICON RECTIFIER 100 THRU 1200 VOLTS | 1 | Central Semiconductor Corp |
| NTE125 | General Purpose Silicon Rectifier | 1 2 | NTE Electronics |
| NTE572 | Silicon Rectifier General Purpose Fast Recovery | 1 | NTE Electronics |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |