Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR2510L Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # BR2510L
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

BR2510L Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  BR2510L_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. BR2510L_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. BR2510L_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Plastic case with heatsink for heat dissipation
Surge overload -240~400 Amperes peak
flammability classification 94V-0
MECHANICAL DATA
Case:Molded plastic with heatsink integrally
mounted in the bridge encapsulation
Weight:1 ounce,30 grams.
Mounting position: Any
Terminals:Wire Lead Φ 50 mils.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
BR
BR
BR
BR
BR
BR
BR
1005L
101L
102L
104L
106L
108L
1010L
1505L
151L
152L
154L
156L
158L
1510L
2505L
251L
252L
254L
256L
258L
2510L
3505L
351L
352L
354L
356L
358L
3510L
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Current for Resistive Load
@TC=55℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Per Bridge Element
at 5.0/7.5/12.5/17.5A Peak
Maximum Reverse Current at Rate
@TJ=25℃
DC Blocking Voltage
@TJ=100℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2S
Typical Thermal Resistance
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES:1.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 16-Mar-2017
The plastic package has UL
UNIT
BR-L 10A/15A/25A/35A SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
-
50
to 1000 Volts
FORWARD CURRENT - 10/15/25/35 Amperes
VF
1.1
V
CHARACTERISTICS
SYMBOL
A
IFSM
A
I(AV)
μA
-55 to +150
-55 to +150
239/374/664
2.0
10
1000
IR
BR-L
BR
10L
10
15
25
35
240
300
400
400
BR
15L
BR
25L
BR
35L
.180(4.6)
.220(5.6)
.048(1.2)TYP.
.052(1.3)DIA.
.140(3.6)
.120(3.05)
(13.9)
.550
MIN.
MIN.
.750
(19.0)
.442(11.23)
.424(10.77)
1.114(28.3)
1.133(28.8)
METAL HEAT SINK


Similar Part No. - BR2510L_17

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2510L DCCOM-BR2510L Datasheet
188Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
BR2510L GOOD-ARK-BR2510L Datasheet
93Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
BR2510L HY-BR2510L Datasheet
353Kb / 3P
   Silicon Bridge Rectifiers
logo
RFE international
BR2510L RFE-BR2510L Datasheet
569Kb / 3P
   Bridge Rectifiers
19-APR-2023
More results

Similar Description - BR2510L_17

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com